Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14701 Datasheet (PDF) - Multicomp Pro

MC14701 Datasheet PDF - Multicomp Pro
Part # MC14701
Download  MC14701 Download
File Size   157.06 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Axial Lead Wirewound Resistors

MC14701 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14701 Datasheet PDF - Multicomp Pro

Part # MC14701
Download  MC14701 Click to download

File Size   157.06 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Axial Lead Wirewound Resistors

MC14701 Datasheet (HTML) - Multicomp Pro


MC14701 Product details

Material Coating : Conformal Silicone Ceramic
Material Core : Ceramic
Material Terminals : Solder-Coated Copper Clad axial Lead.
Derating Linearly from 100% @ +25°C to 0% @ +275°C
Power Rating : Based on 25°C free air rating
Overload : >5W: 5 times rated wattage for 5 seconds
%5W: 10 times rated wattage for 5 seconds
Temperature Coefficient : >1Ω: ±90 ppm/°C
1Ω to 9.99Ω: ±50 ppm/°C
%10Ω: ±20 pmm/°C




Similar Part No. - MC14701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
More results


Similar Description - MC14701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
logo
List of Unclassifed Man...
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
logo
Vishay Siliconix
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
Z300 VISHAY-Z300_15 Datasheet
188Kb / 5P
Axial Cemented Wirewound Resistors
24-Feb-14
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
logo
C&B ELECTRONICS (SHENZH...
EWWR RESI-EWWR Datasheet
453Kb / 1P
Axial Lead Wirewound Resistors
2021/04/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com