Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAQ7767-1 Datasheet (PDF) - Analog Devices

ADAQ7767-1 Datasheet PDF - Analog Devices
Part # ADAQ7767-1
Download  ADAQ7767-1 Download
File Size   3873.71 Kbytes
Page   97 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flexible Resistive Input, Anti-Alias, 24-Bit, 1 MSPS, μModule DAQ Solution

ADAQ7767-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAQ7767-1 Datasheet PDF - Analog Devices

Part # ADAQ7767-1
Download  ADAQ7767-1 Click to download

File Size   3873.71 Kbytes
Page   97 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flexible Resistive Input, Anti-Alias, 24-Bit, 1 MSPS, μModule DAQ Solution

ADAQ7767-1 Datasheet (HTML) - Analog Devices


ADAQ7767-1 Product details

FEATURES
► Highly integrated data acquisition solution
► 3 pin-selectable gain options: 1 (IN1), 0.364 (IN2), or 0.143 (IN3)
► Maximum input range of ±28.672 V differential (IN3)
► Wide input common-mode range: −16 V to +12 V (IN3)
► Fourth-order AAF with maximum flatness and linear phase
► Anti-aliasing protection with 105 dB typical rejection (IN1)
► Excellent device-to-device phase matching and drift
► Combined precision AC and DC performance
► Total system dynamic range up to 124.5 dB
► −118 dB typical THD at ±28.672 V input range (IN3)
► 78.0 dB typical DC CMRR at ±28.672 V input range (IN3)
► ±3.8 ppm of FSR typical INL
► 3.1 ppm/°C maximum gain error drift
► ±0.096 maximum device-to-device phase angle mismatch at
20 kHz
► Programmable output data rate, filter type, and latency
► Linear phase digital filter options:
► Wideband low ripple FIR filter (256 kSPS, 110 kHz maximum
input bandwidth)
► Sinc5 filter (1024 kSPS, 208.9 kHz maximum input bandwidth,
4 μs maximum group delay)
► Sinc3 filter (50 Hz/60 Hz rejection)
► Integrated LDO
► Built-in supply decoupling capacitors
► Configuration through pin strapping or SPI
► Digital interface optimized for isolated applications
► Suite of diagnostic check mechanisms
► Operating temperature range: −40°C to +105°C
► Packaging: 12 mm × 6 mm × 1.6 mm, 84-ball CSP_BGA with 0.8
mm ball pitch
► 8× footprint reduction vs. discrete solution

APPLICATIONS
► Universal input measurement platform
► Electrical test and measurement
► Sound and vibration, acoustic and material science, research
and development
► Control and hardware in loop verification
► Condition monitoring for predictive maintenance
► Audio test




Similar Part No. - ADAQ7767-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
ADAQ7768-1BBCZ AD-ADAQ7768-1BBCZ Datasheet
5Mb / 98P
24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
ADAQ7769-1 AD-ADAQ7769-1 Datasheet
5Mb / 130P
High Input Impedance, Programmable Gain, 24-Bit, 1MSPS, Alias-Free μModule DAQ Solution
Rev. 0
ADAQ7769-1BBCZ AD-ADAQ7769-1BBCZ Datasheet
5Mb / 130P
High Input Impedance, Programmable Gain, 24-Bit, 1MSPS, Alias-Free μModule DAQ Solution
Rev. 0
More results


Similar Description - ADAQ7767-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3507 MAXIM-MAX3507 Datasheet
356Kb / 12P
Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Rev 0; 7/01
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
logo
National Instruments Co...
NI5922 NI-NI5922 Datasheet
270Kb / 3P
24-Bit Flexible-Resolution Digitizers
logo
List of Unclassifed Man...
USB-2401 ETC2-USB-2401 Datasheet
351Kb / 2P
4-CH 24-Bit Universal Input USB DAQ Modules
logo
Analog Devices
AD7951 AD-AD7951_15 Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7952 AD-AD7952_15 Datasheet
544Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR
REV. A
AD7450 AD-AD7450_17 Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
AD4134 AD-AD4134 Datasheet
4Mb / 92P
24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
11/2021-Revision 0
AD4030-24 AD-AD4030-24 Datasheet
2Mb / 48P
24-Bit, 2 MSPS, SAR ADC
Rev. 0
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com