Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4522-1ARMZ Datasheet (PDF) - Analog Devices

ADA4522-1ARMZ Datasheet PDF - Analog Devices
Part # ADA4522-1ARMZ
Download  ADA4522-1ARMZ Download
File Size   1490.17 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers

ADA4522-1ARMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4522-1ARMZ Datasheet PDF - Analog Devices

Part # ADA4522-1ARMZ
Download  ADA4522-1ARMZ Click to download

File Size   1490.17 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers

ADA4522-1ARMZ Datasheet (HTML) - Analog Devices


ADA4522-1ARMZ Product details

FEATURES
Low offset voltage: 5 μV maximum
Extremely low offset voltage drift: 22 nV/°C maximum
Low voltage noise density: 5.8 nV/√Hz typical
117 nV p-p typical from 0.1 Hz to 10 Hz
Low input bias current: 50 pA typical
Unity-gain crossover: 3 MHz typical
Single-supply operation: input voltage rangeincludes ground and rail-to-rail output
Wide range of operating voltages
Single-supply operation: 4.5 V to 55 V
Dual-supply operation: ±2.25 V to ±27.5 V
Integrated EMI filters
Unity-gain stable
AEC-Q100 qualified for automotive applications

APPLICATIONS
Inductance, capacitance, and resistance (LCR)meter/ megohmmeter front-end amplifiers
Load cell and bridge transducers
Magnetic force balance scales
High precision shunt current sensing
Thermocouple/resistance temperature detector(RTD) sensors
Programmable logic controller (PLC) input andoutput amplifiers
Automotive sensors
On-board chargers (OBC) and DC-DC converters
Battery management systems (BMS)
Traction inverter




Similar Part No. - ADA4522-1ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4522-1ARMZ AD-ADA4522-1ARMZ Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
ADA4522-1ARMZ AD-ADA4522-1ARMZ Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
ADA4522-1ARMZ-R7 AD-ADA4522-1ARMZ-R7 Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
ADA4522-1ARMZ-R7 AD-ADA4522-1ARMZ-R7 Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
ADA4522-1ARMZ-RL AD-ADA4522-1ARMZ-RL Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
More results


Similar Description - ADA4522-1ARMZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
logo
Analog Devices
ADA4522-2 AD-ADA4522-2 Datasheet
895Kb / 30P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifier
REV. B
ADA4522-1 AD-ADA4522-1 Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com