Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC5524A Datasheet (PDF) - Qorvo, Inc

PAC5524A Datasheet PDF - Qorvo, Inc
Part # PAC5524A
Download  PAC5524A Download
File Size   1486.14 Kbytes
Page   85 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Application Controller®

PAC5524A Datasheet (PDF)

Go To PDF Page Download Datasheet
PAC5524A Datasheet PDF - Qorvo, Inc

Part # PAC5524A
Download  PAC5524A Click to download

File Size   1486.14 Kbytes
Page   85 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Application Controller®

PAC5524A Datasheet (HTML) - Qorvo, Inc


PAC5524A Product details

1 Product Overview
The PAC5524 is a Power Application Controller© (PAC) product that is optimized for high-pin count and high-speed BLDC motor
control. The PAC5524 contains the PAC55xx MCU v1 while the PAC5524A contains the PAC55xx MCU v2. See the file “PAC55XX
MCU Changes” and the PAC55xx Family User’s Guide for more details on the differences between MCU v1 and MCU v2. Unless
specifically noted, the name PAC5524 in this document refers to both the PAC5524 and PAC5524A.
The PAC5524 integrates a 150MHz Arm® Cortex®-M4F 32-bit microcontroller core with Active-Semi’s proprietary and patent-pending
Multi-Mode Power ManagerTM, Configurable Analog Front-EndTM and Application Specific Power DriversTM to form the most compact
microcontroller-based power and motor control solution available.
The PAC5524 microcontroller features 128kB of embedded FLASH and 32kB of SRAM memory, a 2.5MSPS analog-to-digital converter
(ADC) with programmable auto-sampling of up to 24 conversion sequences, 3.3V IO, flexible clock control system, PWM and generalpurpose
timers and several serial communications interfaces.
The Multi-Mode Power Manager (MMPM) provides “all-in-one” efficient power management solution for multiple types of power
sources. It features a configurable multi-mode switching supply controller capable of operating a buck or SEPIC converter and up to
four linear regulated voltage supplies. The Application Specific Power Drivers (ASPD) are power drivers designed for half bridge, Hbridge,
3-phase, and general-purpose driving. The Configurable Analog Front End (CAFE) comprises differential programmable gain
amplifiers, single-ended programmable gain amplifiers, comparators, digital-to-analog converters, and I/Os for programmable and interconnectible
signal sampling, feedback amplification, and sensor monitoring of multiple analog input signals.
The PAC5524 is packaged in an 8x8mm, 64-lead QFN package with for compact battery-powered BLDC motor applications.




Similar Part No. - PAC5524A

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
PAC5524AQF-T QORVO-PAC5524AQF-T Datasheet
1Mb / 89P
High Pin-Count 70V Motor Controller and Driver for BLDC Motors
Rev. 2.1 2023-05-30
PAC5524AQFSR QORVO-PAC5524AQFSR Datasheet
1Mb / 89P
High Pin-Count 70V Motor Controller and Driver for BLDC Motors
Rev. 2.1 2023-05-30
More results


Similar Description - PAC5524A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
Power Application Controller
Rev 1.0-February 25, 2014
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
Power Application Controller
Rev 1.10 -January 28, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
Power Application Controller
Rev 1.6-January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
Power Application Controller
Rev 1.6-April 15, 2016
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
Power Application Controller
Rev 1.18-December 29, 2016
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
Power Application Controller
Rev 1.14-June 15, 2017
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
Power Application Controller
Rev 1.1 - May 30, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com