Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BHI160B Datasheet (PDF) - Bosch Sensortec GmbH

BHI160B Datasheet PDF - Bosch Sensortec GmbH
Part # BHI160B
Download  BHI160B Download
File Size   11451.32 Kbytes
Page   82 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Ultra low-power sensor hub incl. integrated IMU

BHI160B Datasheet (PDF)

Go To PDF Page Download Datasheet
BHI160B Datasheet PDF - Bosch Sensortec GmbH

Part # BHI160B
Download  BHI160B Click to download

File Size   11451.32 Kbytes
Page   82 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Ultra low-power sensor hub incl. integrated IMU

BHI160B Datasheet (HTML) - Bosch Sensortec GmbH


BHI160B Product details

Features
- All-in-one smart-hub solution for always-on motion sensing at a fraction of current consumption which is commonly required using discrete components.
- 32-bit floating-point microcontroller (Fuser Core). Optimized for data fusion, motion sensing and activity recognition at ultralow power consumption. All in order to offload the power hungry data processing from the main application processor to the smart-hub.
- Powerful BSX sensor fusion library integrated in ROM for lowest design-in effort and fastest time-to-market.
- Additional software and algorithms for RAM processing, provided as ready to use FW patch files. Visit our web site to check available downloads.
- Onboard calculation power for data fusion, 3D- and absolute orientation, rotation vector, quaternions and Euler angles.
- Gesture recognition of significant motion, tilt, pickup, wake up and glance. Enabling customer specific gesture based HMI interfaces for smartphones and wearables.
- Activity recognition of standing, walking, running, biking and in vehicle. Enabling health & fitness applications or any other use case where highly accurate and reliable detection and/or monitoring of user activities is required.
- Step detection and step counting.
- Android 5 / L / Lollipop & Android 6 / M / Marshmallow (non-HiFi) support, incl. batching with dual FIFO buffer for wakeup and non-wakeup events. Implements the full Android sensor stack although an Android OS or any other Android environment is not required.
- High speed I2C interface, with data rates up to 3.4 MBit/s for power-efficient data transfer.
- Highly configurable internal RAM for either feature extension and/or FIFO data buffering.
- SW / FW based functionality. Can be updated, optimized, customized or upgraded with totally new features to support future requirements.
- Smart-hub plus microcontroller, MEMS sensors and software all highly integrated in one 3.0x3.0x0.95 mm3 LGA package with extension interface for additional sensors.
General Description
The BHI160(B) is a small, low-power smart-hub with an integrated three axis gyroscope plus an integrated three axis accelerometer plus a programmable microcontroller. Containing pre-installed software and specific algorithms for activity recognition it is specifically designed to enable always-on motion sensing. It perfectly matches the requirements of smartphones, wearables or any other application which demands highly accurate, real-time motion data at very low power consumption.
The device integrates our best-in-class 6-axis IMU (BMI160) with an MCU – the new Bosch Sensortec Fuser core. It is bringing you the full Android sensor stack inside your devices – even without having an Android OS or an Android environment. Combining this with the built in computing power and the highly configurable on-board memory the BHI smart-hub offers you a low power solution for motion sensing and data processing.




Similar Part No. - BHI160B

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BHI160B BOSCH-BHI160B Datasheet
9Mb / 82P
Ultra low-power sensor hub incl. integrated IMU
BHI160BP BOSCH-BHI160BP Datasheet
278Kb / 2P
Position Tracking Smart Sensor
More results


Similar Description - BHI160B

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BHA250 BOSCH-BHA250 Datasheet
9Mb / 80P
Ultra low-power sensor hub incl. integrated Accel
BHI160 BOSCH-BHI160 Datasheet
9Mb / 82P
Ultra low-power sensor hub incl. integrated IMU
BHA260 BOSCH-BHA260 Datasheet
202Kb / 2P
Ultra-low power and high-performance smart sensor hub with integrated accelerometer
BHI260 BOSCH-BHI260 Datasheet
220Kb / 2P
Ultra low-power high performance smart sensor hub with integrated accelerometer and gyroscope
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
logo
Maxim Integrated Produc...
MAX32663A MAXIM-MAX32663A Datasheet
165Kb / 16P
Ultra-Low Power ECG Biometric Sensor Hub
Rev 0; 11/20
MAX21100 MAXIM-MAX21100 Datasheet
1Mb / 32P
Low-Power, Ultra-Accurate 63 DoF IMU
Rev 1; 10/14
MAX21105 MAXIM-MAX21105 Datasheet
945Kb / 26P
Low-Power, Ultra-Accurate 6 DoF IMU
Rev 0; 12/14
MAX32664 MAXIM-MAX32664_V01 Datasheet
538Kb / 29P
Ultra-Low Power Biometric Sensor Hub
19-100313; Rev 3; 4/20
logo
Bosch Sensortec GmbH
BHI260AP BOSCH-BHI260AP Datasheet
317Kb / 2P
Self-learning AI smart sensor with integrated IMU
Version_1.0_102020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com