Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA253-V01 Datasheet (PDF) - Bosch Sensortec GmbH

BMA253-V01 Datasheet PDF - Bosch Sensortec GmbH
Part # BMA253-V01
Download  BMA253-V01 Download
File Size   2710.54 Kbytes
Page   119 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital, triaxial acceleration sensor

BMA253-V01 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMA253-V01 Datasheet PDF - Bosch Sensortec GmbH

Part # BMA253-V01
Download  BMA253-V01 Click to download

File Size   2710.54 Kbytes
Page   119 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital, triaxial acceleration sensor

BMA253-V01 Datasheet (HTML) - Bosch Sensortec GmbH


BMA253-V01 Product details

Key features
• Ultra-Small package LGA package (12 pins), footprint 2mm x 2mm,
height 0.95mm
• Digital interface SPI (4-wire, 3-wire), I²C, 2 interrupt pins
VDDIO voltage range: 1.2V to 3.6V
• Programmable functionality Acceleration ranges ±2g/±4g/±8g/±16g
Low-pass filter bandwidths 1kHz - <8Hz
• On-chip FIFO Integrated FIFO with a depth of 32 frames
• On-chip interrupt controller Motion-triggered interrupt-signal generation for
- new data
- any-motion (slope) detection
- tap sensing (single tap / double tap)
- orientation recognition
- flat detection
- low-g/high-g detection
- no-motion / inactivity detection
• Ultra-low power Low current consumption, short wake-up time,
advanced features for system power management
• Temperature sensor
• RoHS compliant, halogen-free




Similar Part No. - BMA253-V01

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
More results


Similar Description - BMA253-V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
Digital, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
Digital, triaxial acceleration sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com