Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE44S30 Datasheet (PDF) - Texas Instruments

AFE44S30 Datasheet PDF - Texas Instruments
Part # AFE44S30
Download  AFE44S30 Download
File Size   197.07 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing

AFE44S30 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE44S30 Datasheet PDF - Texas Instruments

Part # AFE44S30
Download  AFE44S30 Click to download

File Size   197.07 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing

AFE44S30 Datasheet (HTML) - Texas Instruments


AFE44S30 Product details

1 Features
1• Supports signal acquisition of up to 24 phases
• Flexible allocation of 8 LED, 4 PD in each phase
• Simultaneous signal acquisition from different
sensors at different data rates
• Accurate, continuous heart-rate monitoring:
– System SNR up to 108-dB at 16 μA PD current
– Low Current for Continuous Operation on a
Wearable Device with a Typical Value: 15 μA
for an LED, 20 μA for the Receiver
• Transmitter:
– Supports common anode LED configuration
– 8-Bit programmable LED current with range
adjustable from 25 mA to 250 mA
– Mode to fire two LEDs in parallel with
independent per-phase current control
– Programmable LED on-time per-phase
– Simultaneous support of 8 LEDs for SpO2,
HRM, or multi-wavelength HRM
• Receiver:
– Supports 4 Time-Multiplexed Photodiode
Inputs
– 2 parallel receivers (two sets of TIA/filter)
– Individual Ambient Offset Subtraction DAC at
each TIA Input with 8-bit per-phase control and
range adjustable up to 255-μA
– Individual LED Offset Subtraction DAC at each
TIA input with 5-bit per-phase control and 15.5-
μA range
– Close to 100 dB ambient rejection up to 10 Hz
– Noise filtering with programmable bandwidth
– Transimpedance Gain: 3.7 kΩ to 1 MΩ
• Supports external clock and internal oscillator
modes
• Option to acquire data synchronized with a system
master clock
• Automatic cancellation of DC from ambient, LED
• FIFO with 128-sample depth
• SPI interface
• 2.6-mm × 2.1-mm DSBGA, 0.4-mm pitch
• Supplies: Rx: 1.7 V-1.9 V (LDO bypass); 1.9 V-3.6
V (LDO enabled), Tx: 3 V-5.5 V, IO: 1.7-3.6 V

2 Applications
• Optical heart-rate monitoring (HRM) for
wearables, hearables
• Heart-rate variability (HRV)
• Pulse oximetry (SpO2) measurements

3 Description
The AFE44S30 is an analog front-end for optical biosensing
applications, such as heart-rate monitoring
(HRM) and saturation of peripheral capillary oxygen
(SpO2). The device supports up to eight switching
light-emitting diodes (LEDs) and up to four
photodiodes. Up to 24 signal phases can be defined
and the signal can be acquired from each phase in a
synchronized manner. The current from the
photodiode is converted into voltage by the
transimpedance amplifier (TIA) and digitized using an
analog-to-digital converter (ADC). The ADC code can
be stored in a 128-sample First in, First out (FIFO)
block. The FIFO can be read out using a SPI
interface. The AFE also has a fully-integrated LED
driver with an 8-bit current control. The device has a
high dynamic range transmit-and-receive circuitry that
helps with the sensing of very small signal levels.




Similar Part No. - AFE44S30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30YZR TI1-AFE44S30YZR Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30YZT TI1-AFE44S30YZT Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
More results


Similar Description - AFE44S30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com