Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE49I30 Datasheet (PDF) - Texas Instruments

AFE49I30 Datasheet PDF - Texas Instruments
Part # AFE49I30
Download  AFE49I30 Download
File Size   251.32 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart- Rate Monitoring and Bio-sensing

AFE49I30 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE49I30 Datasheet PDF - Texas Instruments

Part # AFE49I30
Download  AFE49I30 Click to download

File Size   251.32 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart- Rate Monitoring and Bio-sensing

AFE49I30 Datasheet (HTML) - Texas Instruments


AFE49I30 Product details

1 Features
1• Supports signal acquisition of up to 24 phases
• Flexible allocation of 6 LED, 4 PD in each PPG
phase
• Synchronized PPG/ECG signal acquisition with
each phase configurable as PPG or ECG, and at
different data rates
• Synchronized PPG/ECG supports up to 1 kHz
data rate
• ECG-only mode supports up to 4 kHz data rate
• PPG signal chain:
– System SNR up to 108-dB at 16 μA PD current
– Low current for continuous operation on a
wearable device with a typical value: 15 μA for
an LED, 20 μA for the receiver
• PPG Transmitter:
– Supports common anode LED configuration
– 8-Bit programmable LED current with range
adjustable from 25 mA to 250 mA
– Mode to fire two LEDs in parallel with
independent per-phase current control
– Programmable LED on-time per-phase
– Simultaneous support of 6 LEDs for SpO2,
HRM, or multi-wavelength HRM
• PPG Receiver:
– Supports 4 time-multiplexed photodiode inputs
– 2 parallel receivers to sample two PD channels
simultaneously
– Individual ambient offset subtraction DAC at
each TIA Input with 8-bit per-phase control and
range adjustable up to 255-μA
– Individual LED offset subtraction DAC at each
TIA input with 5-bit per-phase control and
15.5-μA range
– Close to 100 dB ambient rejection up to 10 Hz
– Noise filtering with programmable bandwidth
– Transimpedance Gain: 3.7 kΩ to 1 MΩ
• ECG Signal Chain
– 1-lead ECG with RLD output for bias
– INA gain programmable from 1.6 – 13
– <1 μVrms input noise (in a 1-150 Hz
bandwidth) at 4-kHz sample rate
– Integrated 450 Hz Low Pass Filter
– AC, DC lead-off detect with 3.125-100 nA
current and programmable interrupt
• Supports external clock and internal oscillator
modes
• Option to acquire data synchronized with a system
master clock
• Automatic cancellation of DC from ambient, LED
• FIFO with 128-sample depth
• I2C interface
• 2.6-mm × 2.1-mm DSBGA, 0.4-mm pitch
• Supplies: Rx: 1.7 V-1.9 V (LDO bypass); 1.9 V-3.6
V (LDO enabled), Tx: 3 V-5.5 V, IO: 1.7-3.6 V
• Supports operation with 2 supplies - 1.8 V, 5 V

2 Applications
• ECG on a wearable device
• Synchronized PPG, ECG for PTT-based Blood
pressure
• Optical heart-rate monitoring (HRM) and Heartrate
variability (HRV) for wearables, hearables
• Pulse oximetry (SpO2) measurements
• Maximum oxygen consumption (VO2 Max)

3 Description
The AFE49I30 is an analog front-end for optical biosensing/
PPG and ECG measurement applications.
The device supports up to six switching light-emitting
diodes (LEDs) and up to four photodiodes. Up to 24
signal phases can be defined and the PPG or ECG
signals can be acquired from each phase in a
synchronized manner.




Similar Part No. - AFE49I30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30YZR TI1-AFE49I30YZR Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30YZT TI1-AFE49I30YZT Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
More results


Similar Description - AFE49I30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com