Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE58JD48 Datasheet (PDF) - Texas Instruments

AFE58JD48 Datasheet PDF - Texas Instruments
Part # AFE58JD48
Download  AFE58JD48 Download
File Size   271.72 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/√Hz Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer

AFE58JD48 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE58JD48 Datasheet PDF - Texas Instruments

Part # AFE58JD48
Download  AFE58JD48 Click to download

File Size   271.72 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/√Hz Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer

AFE58JD48 Datasheet (HTML) - Texas Instruments


AFE58JD48 Product details

1 Features
1• 16-Channel AFE for ultrasound applications:
– Four programmable TGC setting profiles
• Low-noise amplifier (LNA) With Active
Termination:
– Programmable gain: 21 dB, 18 dB, and 15 dB
– Linear input amplitude: 0.37/0.5/0.71 VPP
– Maximum input amplitude: 1 Vpp
• Voltage-controlled attenuator (VCAT):
– Attenuation range: 0 dB–36 dB
• Programmable gain amplifier (PGA):
– 18 dB–27 dB in Steps of 3 dB
• 3rd-Order, 10 ~ 60 MHz Low-pass filter (LPF)
• ADC Idle-Channel SNR:
– 16-Bit, 125-MSPS Mode: 80-dBFS
– 14-Bit, 80-MSPS Mode: 79-dBFS
• Excellent near field SNR: 74-dBFS
• TGC Mode JESD204B output
– 140 mW/Ch, 0.8 nV/√Hz, 125 MSPS, 16 bit
– 120 mW/Ch, 0.8 nV/√Hz, 80 MSPS, 16 bit
– 115 mW/Ch, 0.8 nV/√Hz, 65 MSPS, 16 bit
– 105 mW/Ch, 0.8 nV/√Hz, 40 MSPS, 16 bit
• TGC Mode LVDS output
– 120 mW/Ch, 0.8 nV/√Hz, 80 MSPS, 16 bit
– 115 mW/Ch, 0.8 nV/√Hz, 65 MSPS, 16 bit
– 150 mW/Ch, 0.8 nV/√Hz, 125 MSPS, 16 bit,
Decimation by 2, LVDS 0.5x mode
• CW Mode: 63 mW/Ch, 1.15 nV/√Hz
• ±0.4 dB (typical) Device-to-device gain matching
• Fast and consistent overload recovery
• Continuous wave (CW) path with:
– –159 dBc/Hz Phase noise at 1-kHz off carrier
– λ / 16 Phase resolution
– Supports 16x and 8x CW clocks
– 12-dB Suppression of 3rd and 5th harmonics
• Digital I/Q demodulator w/ data reduction
– Fractional decimation filter M = 1 to 63 with
increments of 0.25
– On-chip RAM with 32 preset profiles
• LVDS Interface with a speed Up to 1.28 Gbps
• 10-Gbps JESD204B Subclass 0, 1, and 2
– Up to 12.8-Gbps with 10-cm PCB traces
– 2, 4, or 8 Channels per JESD lane

2 Applications
• Medical ultrasound imaging
• High frequency ultrasound imaging
• Non-destructive testing (NDT)
• Sonar, radar, LiDAR imaging equipment
• Multi-channel data acquistion

3 Description
The AFE58JD48 device is a highly-integrated, analog
front-end (AFE) solutions specifically designed for
premium ultrasound systems.




Similar Part No. - AFE58JD48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD48 TI1-AFE58JD48 Datasheet
200Kb / 7P
AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/?숰z Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer
AFE58JD48ZAV TI1-AFE58JD48ZAV Datasheet
200Kb / 7P
AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/?숰z Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer
More results


Similar Description - AFE58JD48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD16 TI-AFE58JD16_15 Datasheet
179Kb / 9P
AFE58JD16 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE58JD18 TI-AFE58JD18_15 Datasheet
846Kb / 12P
AFE58JD18 16-Channel, Ultrasound AFE with 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC,Passive CW Mixer, I/Q Demodulator, and LVDS, JESD204B Outputs
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE5828 TI1-AFE5828 Datasheet
147Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, LVDS Interface, and Passive CW Mixer
AFE58JD32 TI1-AFE58JD32 Datasheet
874Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power,12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
AFE5832 TI1-AFE5832 Datasheet
876Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer and LVDS Interface
AFE58JD48 TI1-AFE58JD48 Datasheet
200Kb / 7P
AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/?숰z Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer
AFE58JD32LP TI1-AFE58JD32LP Datasheet
212Kb / 6P
AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com