Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2431RTCR Datasheet (PDF) - Texas Instruments

CC2431RTCR Datasheet PDF - Texas Instruments
Part # CC2431RTCR
Download  CC2431RTCR Download
File Size   263.09 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description System-on-Chip for 2.4 GHz ZigBee®/ IEEE 802.15.4 with Location Engine

CC2431RTCR Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2431RTCR Datasheet PDF - Texas Instruments

Part # CC2431RTCR
Download  CC2431RTCR Click to download

File Size   263.09 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description System-on-Chip for 2.4 GHz ZigBee®/ IEEE 802.15.4 with Location Engine

CC2431RTCR Datasheet (HTML) - Texas Instruments


CC2431RTCR Product details

Key Features
• Location Engine calculates the location of a
node in a network
• High performance and low power 8051
microcontroller core.
• 2.4 GHz IEEE 802.15.4 compliant RF
transceiver (industry leading CC2420 radio
core).
• ZigBee® protocol stack (Z-Stack™) from
Texas Instruments includes support for CC2431
‘s location engine.
• Excellent receiver sensitivity and robustness to
interferers
• 128 KB in-system programmable flash
• 8 KB RAM, 4 KB with data retention in all
power modes
• Powerful DMA functionality
• Very few external components
• Only a single crystal needed for mesh network
systems
• Low current consumption (RX: 27 mA, TX: 27
mA, microcontroller running at 32 MHz)
• Only 0.5μA current consumption in powerdown
mode, where external interrupts or the
RTC can wake up the system
• 0.3 μA current consumption in power-down
mode, where external interrupts can wake up
the system
• Very fast transition times from low-power
modes to active mode enables ultra low
average power consumption in low duty-cycle
systems
• CSMA/CA hardware support
• Wide supply voltage range (2.0 V – 3.6 V)
• Digital RSSI/ LQI support
• Battery monitor and temperature sensor
• ADC with up to eight inputs and configurable
resolution
• 128-bit AES security coprocessor
• Two powerful USARTs with support for
several serial protocols.
• Hardware debug support
• Watchdog timer
• One IEEE 802.15.4 MAC Timer, one general
16-bit timer and two 8-bit timers
• RoHS compliant 7x7 mm QLP48 package
• 21 general I/O pins, two with 20 mA
sink/source capability
• Powerful and flexible development tools
available




Similar Part No. - CC2431RTCR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2431RTCR TAOS-CC2431RTCR Datasheet
194Kb / 16P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
More results


Similar Description - CC2431RTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431 TI-CC2431 Datasheet
432Kb / 15P
System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
CC2430 TI-CC2430 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2431 TI-CC2431_07 Datasheet
338Kb / 14P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
CC2431 TAOS-CC2431 Datasheet
194Kb / 16P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com