Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4514M Datasheet (PDF) - Texas Instruments

CD74HC4514M Datasheet PDF - Texas Instruments
Part # CD74HC4514M
Download  CD74HC4514M Download
File Size   227.16 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches

CD74HC4514M Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC4514M Datasheet PDF - Texas Instruments

Part # CD74HC4514M
Download  CD74HC4514M Click to download

File Size   227.16 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches

CD74HC4514M Datasheet (HTML) - Texas Instruments


CD74HC4514M Product details

Features
• Multifunction Capability
- Binary to 1-of-16 Decoder
- 1-to-16 Line Demultiplexer
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V

Description
The CD54HC4514, CD74HC4514, and CD74HC4515 are
high-speed silicon gate devices consisting of a 4-bit strobed
latch and a 4- to 16-line decoder. The selected output is
enabled by a low on the enable input (E). A high on E inhibits
selection of any output. Demultiplexing is accomplished by
using the E input as the data input and the select inputs (A0-
A3) as addresses. This E input also serves as a chip select
when these devices are cascaded.
When Latch Enable (LE) is high the output follows changes
in the inputs (see truth table). When LE is low the output is
isolated from changes in the input and remains at the level
(high for the 4514, low for the 4515) it had before the latches
were enabled. These devices, enhanced versions of the
equivalent CMOS types, can drive 10 LSTTL loads.




Similar Part No. - CD74HC4514M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4514M TI-CD74HC4514M Datasheet
233Kb / 14P
HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
CD74HC4514M TI-CD74HC4514M Datasheet
375Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD74HC4514M TI-CD74HC4514M Datasheet
404Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD74HC4514M TI-CD74HC4514M Datasheet
551Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD74HC4514M96 TI-CD74HC4514M96 Datasheet
233Kb / 14P
HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
More results


Similar Description - CD74HC4514M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4514 PHILIPS-74HC4514 Datasheet
76Kb / 9P
4-to-16 line decoder/demultiplexer with input latches
September 1993
logo
Texas Instruments
CD54-74HC4514 TI-CD54-74HC4514 Datasheet
233Kb / 14P
HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154 Datasheet
229Kb / 14P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC4514 TI-CD54HC4514 Datasheet
375Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC4514 TI-CD54HC4514_08 Datasheet
404Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514F TI-CD54HC4514F Datasheet
551Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
logo
Nexperia B.V. All right...
74HCT4514 NEXPERIA-74HCT4514 Datasheet
276Kb / 16P
4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com