Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3953M Datasheet (PDF) - EPCOS

K3953M Datasheet PDF - EPCOS
Part # K3953M
Download  K3953M Download
File Size   90.04 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Video Applications 33,90 MHz and 38,90 MHz

K3953M Datasheet (PDF)

Go To PDF Page Download Datasheet
K3953M Datasheet PDF - EPCOS

Part # K3953M
Download  K3953M Click to download

File Size   90.04 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Video Applications 33,90 MHz and 38,90 MHz

K3953M Datasheet (HTML) - EPCOS


K3953M Product details

Features
■ TV IF filter with Nyquist slopes at 33,90 MHz and
    38,90 MHz
■ Constant group delay
■ Suitable for CENELEC EN 55020
   




Similar Part No. - K3953M

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
K3955 PETERMANN-K3955 Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
logo
EPCOS
K3958M EPCOS-K3958M Datasheet
89Kb / 6P
IF Filter for Video Applications
More results


Similar Description - K3953M

ManufacturerPart #DatasheetDescription
logo
EPCOS
L9653M EPCOS-L9653M Datasheet
84Kb / 7P
IF Filter for Audio Applications 33,90 MHz and 38,90 MHz
K3565M EPCOS-K3565M Datasheet
105Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,90 MHz
G1962M EPCOS-G1962M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications 38,90 MHz
J3353K EPCOS-J3353K Datasheet
103Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,90 MHz
G9353M EPCOS-G9353M Datasheet
69Kb / 5P
IF Filter for Audio Applications 38,90 MHz
K2959M EPCOS-K2959M Datasheet
90Kb / 6P
IF Filter for Intercarrier Applications 38,00 MHz
K9353M EPCOS-K9353M Datasheet
63Kb / 5P
IF Filter for Audio Applications 38,90 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0807A TAI-SAW-TB0807A Datasheet
358Kb / 4P
IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0808A TAI-SAW-TB0808A Datasheet
350Kb / 5P
IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0834A TAI-SAW-TB0834A Datasheet
379Kb / 5P
IF SAW Filter 33.9 & 38.9 MHz for Video Applications
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com