Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSN.1V.650.CLLC60 Datasheet (PDF) - LEMO Connectors

PSN.1V.650.CLLC60 Datasheet PDF - LEMO Connectors
Part # PSN.1V.650.CLLC60
Download  PSN.1V.650.CLLC60 Download
File Size   63.63 Kbytes
Page   3 Pages
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors
Description Plug - Straight

PSN.1V.650.CLLC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSN.1V.650.CLLC60 Datasheet PDF - LEMO Connectors

Part # PSN.1V.650.CLLC60
Download  PSN.1V.650.CLLC60 Click to download

File Size   63.63 Kbytes
Page   3 Pages
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors
Description Plug - Straight

PSN.1V.650.CLLC60 Datasheet (HTML) - LEMO Connectors


PSN.1V.650.CLLC60 Product details

Nb of contacts Triax 1
Socket / Receptacle Socket / Receptacle - Fixed Panel Front Mounted
Locking system Threaded
Jacket cable outside diameter [mm] 5.60 - 6.00 mm
Size 1V
Suggested matching part FVN.1V.650.CLAC60




Similar Part No. - PSN.1V.650.CLLC60

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PSN.1V.250.CLLC30 LEMO-PSN.1V.250.CLLC30 Datasheet
63Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
PSN.1V.250.CLLC35 LEMO-PSN.1V.250.CLLC35 Datasheet
63Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
PSN.1V.275.CLLK75 LEMO-PSN.1V.275.CLLK75 Datasheet
63Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
PSN.1V.303.SLLC55E LEMO-PSN.1V.303.SLLC55E Datasheet
64Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
PSN.1V.304.CLLC50E LEMO-PSN.1V.304.CLLC50E Datasheet
98Kb / 4P
Socket / Receptacle - Fixed Panel Front Mounted
More results


Similar Description - PSN.1V.650.CLLC60

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
STRAIGHT PLUG
logo
AVX Corporation
27-8071-110-011-840 AVX-27-8071-110-011-840 Datasheet
699Kb / 12P
Plug Straight
logo
Rosenberger Hochfrequen...
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
STRAIGHT PLUG
51S106-006N5 ROSENBERGER-51S106-006N5 Datasheet
42Kb / 2P
STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
straight plug
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
STRAIGHT PLUG
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
STRAIGHT PLUG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com