Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2950 Datasheet (PDF) - Texas Instruments

UC2950 Datasheet PDF - Texas Instruments
Part # UC2950
Download  UC2950 Download
File Size   305.35 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Half-Bridge Bipolar Switch

UC2950 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC2950 Datasheet PDF - Texas Instruments

Part # UC2950
Download  UC2950 Click to download

File Size   305.35 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Half-Bridge Bipolar Switch

UC2950 Datasheet (HTML) - Texas Instruments


UC2950 Product details

FEATURES
• Source or Sink 4.0A
• Supply Voltage to 35V
• High-Current Output Diodes
• Tri-State Operation
• TTL and CMOS Input Compatibility
• Thermal Shutdown Protection
• 300kHz Operation
• Low-Cost TO-220 Package

DESCRIPTION
This device is a monolithic integrated circuit designed to provide
high-current switching with low saturation voltages when activated by
low-level logic signals. Source and sink switches may be independently activated
without regard to timing as a built-in interlock will keep the sink off if
the source is on.
This driver has the high current capability to drive large capacitive loads
with fast rise and fall times; but with high-speed internal flyback diodes, it is
also ideal for inductive loads. Two UC2950s can be used together to form a
full bridge, bipolar motor driver compatible with high frequency chopper current
control.




Similar Part No. - UC2950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2950 TI-UC2950 Datasheet
163Kb / 3P
Half-Bridge Bipolar Switch
UC2950T TI1-UC2950T Datasheet
227Kb / 5P
Half-Bridge Bipolar Switch
UC2950TG3 TI1-UC2950TG3 Datasheet
227Kb / 5P
Half-Bridge Bipolar Switch
UC2950 TI1-UC2950_09 Datasheet
227Kb / 5P
Half-Bridge Bipolar Switch
More results


Similar Description - UC2950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2950 TI-UC2950 Datasheet
163Kb / 3P
Half-Bridge Bipolar Switch
logo
Allegro MicroSystems
UDN-2935Z ALLEGRO-UDN-2935Z Datasheet
562Kb / 7P
BIPOLAR HALF-BRIDGE MOTOR DRIVERS
logo
Intersil Corporation
ISL6571 INTERSIL-ISL6571 Datasheet
374Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Fairchild Semiconductor
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
Power Switch (FPS?? for Half-Bridge PWM Converters
logo
Texas Instruments
UC2950 TI1-UC2950_09 Datasheet
227Kb / 5P
Half-Bridge Bipolar Switch
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A Datasheet
140Kb / 3P
HALF BRIDGE
PM0028A SSDI-PM0028A Datasheet
148Kb / 3P
HALF BRIDGE
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
HALF BRIDGE
PM0028A SSDI-PM0028A_15 Datasheet
148Kb / 3P
HALF BRIDGE
logo
Renesas Technology Corp
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com