Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5638 Datasheet (PDF) - Texas Instruments

UCC5638 Datasheet PDF - Texas Instruments
Part # UCC5638
Download  UCC5638 Download
File Size   308.45 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Multimode SCSI 15 Line Terminator

UCC5638 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC5638 Datasheet PDF - Texas Instruments

Part # UCC5638
Download  UCC5638 Click to download

File Size   308.45 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Multimode SCSI 15 Line Terminator

UCC5638 Datasheet (HTML) - Texas Instruments


UCC5638 Product details

FEATURES
• Auto Selection Single Ended (SE) or
Low Voltage Differential (LVD)
Termination
• Meets SCSI-1, SCSI-2, Ultra2 (SPI-2
LVD SCSI), Ultra3, Ultra160 (SPI-3)
and Ultra320 (SPI-4) Standards
• 2.7V to 5.25V Operation
• Differential Failsafe Bias
• Thermal packaging for low junction
temperature and better MTBF.

DESCRIPTION
The UCC5638 Multimode SCSI Terminator provides a smooth transition
into the LVD SCSI Parallel Interface (SPI-2, SPI-3, SPI-4). It automatically
senses the bus, via DIFFB, and switches the termination to either single
ended (SE) or low voltage differential (LVD) SCSI, dependent on which
type of devices are connected to the bus. The UCC5638 can not be used
on a HVD, EIA485, differential SCSI bus. If the UCC5638 detects a HVD
SCSI device, it switches to a high impedance state.
The Multimode terminator contains all functions required to terminate and
auto detect and switch modes for SPI-2, SPI-3 and SPI-4 bus architectures.
Single Ended and Differential impedances and currents are trimmed for
maximum effectiveness. Fail Safe biasing is provided to insure signal integrity.
Device/Bus type detection circuitry is integrated into the terminator to
provide automatic switching of termination between single ended and LVD
SCSI and a high impedance for HVD SCSI. The multimode function provides
all the performance analog functions necessary to implement SPI-2
termination in a single monolithic device.
The UCC5638 is offered in a 48 pin LQFP package for a temperature range
of 0°C to 70°C.




Similar Part No. - UCC5638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
Multimode SCSI 15 Line Terminator
UCC5638 TI1-UCC5638 Datasheet
138Kb / 8P
Multimode SCSI 15 Line Terminator
UCC5638FQP TI-UCC5638FQP Datasheet
48Kb / 5P
Multimode SCSI 15 Line Terminator
UCC5638FQP TI1-UCC5638FQP Datasheet
138Kb / 8P
Multimode SCSI 15 Line Terminator
UCC5638FQPG4 TI1-UCC5638FQPG4 Datasheet
138Kb / 8P
Multimode SCSI 15 Line Terminator
More results


Similar Description - UCC5638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
Multimode SCSI 14 Line Terminator
UCC5629 TI-UCC5629 Datasheet
54Kb / 5P
Multimode SCSI 14 Line Terminator
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
Multimode SCSI 9 Line Terminator
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
Multimode SCSI 15 Line Terminator
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
Multimode SCSI 15 Line Terminator with Reverse Disconnect
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5628 TI1-UCC5628_08 Datasheet
393Kb / 11P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
Multimode SCSI 9 Line Terminator
UCC5638 TI1-UCC5638_06 Datasheet
138Kb / 8P
Multimode SCSI 15 Line Terminator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com