Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5672 Datasheet (PDF) - Texas Instruments

UCC5672 Datasheet PDF - Texas Instruments
Part # UCC5672
Download  UCC5672 Download
File Size   253.77 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Multimode (LVD/SE) SCSI 9 Line Terminator

UCC5672 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC5672 Datasheet PDF - Texas Instruments

Part # UCC5672
Download  UCC5672 Click to download

File Size   253.77 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Multimode (LVD/SE) SCSI 9 Line Terminator

UCC5672 Datasheet (HTML) - Texas Instruments


UCC5672 Product details

FEATURES
• Auto Selection Multi-Mode Single
Ended or Low Voltage Differential
Termination
• 2.7V to 5.25V Operation
• Differential Failsafe Bias
• Built-in SPI-3 Mode Change Filter/
Delay
• Meets SCSI-1, SCSI-2, Ultra2 (SPI-2
LVD), Ultra3/Ultra160 (SPI-3) and
Ultra320 (SPI-4) Standards
• Supports Active Negation
• 3pF Channel Capacitance

DESCRIPTION
The UCC5672 Multi-Mode Low Voltage Differential and Single Ended Terminator
is both a single ended terminator and a low voltage differential terminator
for the transition to the next generation SCSI Parallel Interface
(SPI-3). The low voltage differential is a requirement for the higher speeds
at a reasonable cost and is the only way to have adequate skew budgets.
The automatic mode select/change feature switches the terminator between
Single Ended or LVD SCSI Termination, depending on the bus
mode. If the bus is in High Voltage Differential Mode, the terminator lines
transition into a High Impedance state.
The UCC5672 is SPI-4, SPI-3, SPI-2, and SCSI-2 compliant. This device
is offered in a 28 pin TSSOP package to minimize the footprint. The
UCC5672 is also available in a 36 pin MWP package.




Similar Part No. - UCC5672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
Multimode LVD/SE SCSI 9 Line Terminator
UCC5672 TI1-UCC5672 Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672MWP TI1-UCC5672MWP Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672PWP TI-UCC5672PWP Datasheet
49Kb / 6P
Multimode LVD/SE SCSI 9 Line Terminator
UCC5672PWP TI1-UCC5672PWP Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
More results


Similar Description - UCC5672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
Multimode LVD/SE SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
Multimode LVD/SE SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
logo
List of Unclassifed Man...
AR7519 ETC1-AR7519 Datasheet
660Kb / 2P
Ultra Multimode LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
Multimode (LVD/SE) SCSI 9 Line Terminator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com