Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC320CP.A Datasheet (PDF) - Texas Instruments

VFC320CP.A Datasheet PDF - Texas Instruments
Part # VFC320CP.A
Download  VFC320CP.A Download
File Size   305.61 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Voltage-to-Frequency and Frequency-to-Voltage CONVERTER

VFC320CP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
VFC320CP.A Datasheet PDF - Texas Instruments

Part # VFC320CP.A
Download  VFC320CP.A Click to download

File Size   305.61 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Voltage-to-Frequency and Frequency-to-Voltage CONVERTER

VFC320CP.A Datasheet (HTML) - Texas Instruments


VFC320CP.A Product details

FEATURES
HIGH LINEARITY: 12 to 14 bits
±0.005% max at 10kHz FS
±0.03% max at 100kHz FS
±0.1% typ at 1MHz FS
V/F OR F/V CONVERSION
6-DECADE DYNAMIC RANGE
GAIN DRIFT: 20ppm/°C max
OUTPUT TTL/CMOS COMPATIBLE

APPLICATIONS
INEXPENSIVE A/D AND D/A CONVERTER
DIGITAL PANEL METERS
TWO-WIRE DIGITAL TRANSMISSION WITH
NOISE IMMUNITY
FM MOD/DEMOD OF TRANSDUCER
SIGNALS
PRECISION LONG TERM INTEGRATOR
HIGH RESOLUTION OPTICAL LINK FOR
ISOLATION
AC LINE FREQUENCY MONITOR
MOTOR SPEED MONITOR AND CONTROL

DESCRIPTION
The VFC320 monolithic voltage-to-frequency and frequency-tovoltage
converter provides a simple low cost method of converting
analog signals into digital pulses. The digital output is an
open collector and the digital pulse train repetition rate is proportional
to the amplitude of the analog input voltage. Output pulses
are compatible with TTL, and CMOS logic families.
High linearity (0.005%, max at 10kHz FS) is achieved with
relatively few external components. Two external resistors and
two external capacitors are required to operate. Full scale frequency
and input voltage are determined by a resistor in series
with –In and two capacitors (one-shot timing and input amplifier
integration). The other resistor is a non-critical open collector
pull-up (fOUT to +VCC). The VFC320 is available in two performance
grades. The VFC320 is specified for the –25°C to +85°C,
range.




Similar Part No. - VFC320CP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC320CP TI-VFC320CP Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320CPG4 TI1-VFC320CPG4 Datasheet
233Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Similar Description - VFC320CP.A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com