Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB2H60H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SSB2H60H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SSB2H60H
Download  SSB2H60H Download
File Size   451.34 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 60V Schottky Barrier Surface Mount Rectifier

SSB2H60H Datasheet (PDF)

Go To PDF Page Download Datasheet
SSB2H60H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SSB2H60H
Download  SSB2H60H Click to download

File Size   451.34 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 60V Schottky Barrier Surface Mount Rectifier

SSB2H60H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SSB2H60H Product details

FEATURES
AEC-Q101 qualified
Low power loss, high efficiency
Ideal for automated placement
High surge current capability
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
Low voltage, high frequency
DC/DC converter
Freewheeling diodes
Reverse battery protection
Car lighting




Similar Part No. - SSB2H60H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSB2H100H TSC-SSB2H100H Datasheet
451Kb / 6P
2A, 100V Schottky Barrier Surface Mount Rectifier
Version: A2504
SSB2H40H TSC-SSB2H40H Datasheet
451Kb / 6P
2A, 40V Schottky Barrier Surface Mount Rectifier
Version: A2504
More results


Similar Description - SSB2H60H

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FSL26 GOOD-ARK-FSL26_15 Datasheet
203Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL26AG CITC-SKL26AG Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com