Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

357450210 Datasheet (PDF) - Molex Electronics Ltd.

357450210 Datasheet PDF - Molex Electronics Ltd.
Part # 357450210
Download  357450210 Download
File Size   75.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.80mm- Wide Crimp Terminals

357450210 Datasheet (PDF)

Go To PDF Page Download Datasheet
357450210 Datasheet PDF - Molex Electronics Ltd.

Part # 357450210
Download  357450210 Click to download

File Size   75.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.80mm- Wide Crimp Terminals

357450210 Datasheet (HTML) - Molex Electronics Ltd.


357450210 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for 1.80mm-Wide
Crimp Terminals
Comments See Tooling Specification (PDF)
Above; Type: 4C
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 800756885353
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 357450210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
357450210 MOLEX5-357450210 Datasheet
120Kb / 3P
Crimp Terminal 35745, 16-18 AWG
More results


Similar Description - 357450210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-5300 MOLEX11-63811-5300 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-0600 MOLEX11-63819-0600 Datasheet
42Kb / 1P
Hand Crimp Tool for 1.80mm-Wide Crimp Terminals
63819-0700 MOLEX11-63819-0700 Datasheet
42Kb / 1P
Hand Crimp Tool for 1.80mm-Wide Crimp Terminals
63823-3300 MOLEX11-63823-3300 Datasheet
32Kb / 1P
Hand Crimp Tool for Crimp Terminals
63825-5500 MOLEX11-63825-5500 Datasheet
40Kb / 1P
Hand Crimp Tool for 1.80mm (.071) PC Board Crimp Terminals
63825-5500 MOLEX-63825-5500 Datasheet
571Kb / 7P
Hand Crimp Tool for 1.80mm (.071
09-05-12
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638190600 MOLEX-0638190600 Datasheet
37Kb / 1P
Hand Crimp Tool for 1.80mm-Wide Crimp Terminals
11/02/2021
0638190700 MOLEX-0638190700 Datasheet
38Kb / 2P
Hand Crimp Tool for 1.80mm-Wide Crimp Terminals
11/02/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com