Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70024SEH Datasheet (PDF) - Renesas Technology Corp

ISL70024SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70024SEH
Download  ISL70024SEH Download
File Size   477.53 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 200V, 7.5A Enhancement Mode GaN Power Transistor

ISL70024SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70024SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70024SEH
Download  ISL70024SEH Click to download

File Size   477.53 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 200V, 7.5A Enhancement Mode GaN Power Transistor

ISL70024SEH Datasheet (HTML) - Renesas Technology Corp


ISL70024SEH Product details

Features
▪ Very low rDS(ON) 45mΩ (typical)
▪ Ultra low total gate charge 2.5nC (typical)
▪ SEE hardness (see SEE report for details)
• SEL/SEB LETTH (VDS = 160V, VGS = 0V):
86MeV•cm2/mg(Si)
▪ ISL70024SEH radiation acceptance (see TID
report)
• High dose rate (50-300rad(Si)/s): 100krad(Si)
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
▪ ISL73024SEH radiation acceptance (see TID
report)
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
▪ Ultra small hermetically sealed 4 Ld Surface Mount
Device (SMD) package
• Package area: 42mm2
▪ Full military-temperature range operation
• TA = -55°C to +125°C
• TJ = -55°C to +150°C
▪ Qualified to Renesas Rad Hard GaN FET
Screening and QCI Flow (R34TB0003EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-V




Similar Part No. - ISL70024SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70024SEH RENESAS-ISL70024SEH Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
ISL70024SEHL/PROTO RENESAS-ISL70024SEHL/PROTO Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
ISL70024SEHML RENESAS-ISL70024SEHML Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
ISL70024SEHMX RENESAS-ISL70024SEHMX Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
ISL70024SEHX/SAMPLE RENESAS-ISL70024SEHX/SAMPLE Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
More results


Similar Description - ISL70024SEH

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3T075CN ROHM-RD3T075CN Datasheet
3Mb / 15P
Nch 200V 7.5A Power MOSFET
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
logo
Renesas Technology Corp
ISL70024SEH RENESAS-ISL70024SEH Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
logo
Rohm
GNP1070TC-Z ROHM-GNP1070TC-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNP1150TCA-Z ROHM-GNP1150TCA-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNE1008TB ROHM-GNE1008TB Datasheet
1Mb / 6P
GaN Enhancement Mode Power Transistor
26.Jun.2023 Rev.003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com