Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70023SEHML Datasheet (PDF) - Renesas Technology Corp

ISL70023SEHML Datasheet PDF - Renesas Technology Corp
Part # ISL70023SEHML
Download  ISL70023SEHML Download
File Size   527.73 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V, 60A Enhancement Mode GaN Power Transistor

ISL70023SEHML Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70023SEHML Datasheet PDF - Renesas Technology Corp

Part # ISL70023SEHML
Download  ISL70023SEHML Click to download

File Size   527.73 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V, 60A Enhancement Mode GaN Power Transistor

ISL70023SEHML Datasheet (HTML) - Renesas Technology Corp


ISL70023SEHML Product details

Features
▪ Very low rDS(ON) 5mΩ (typical)
▪ Ultra low total gate charge 14nC (typical)
▪ SEE hardness (see SEE report for details)
• SEL/SEB LETTH (VDS = 100V, VGS = 0V):
86MeV•cm2/mg(Si)
▪ ISL70023SEH radiation accepting testing
• High dose rate (50-300rad(Si)/s): 100krad(Si)
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
▪ ISL73023SEH radiation accepting testing
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
▪ Ultra small hermetically sealed 4 Ld Surface Mount
Device (SMD) package
• Package area: 42mm2
▪ Full military-temperature range operation
• TA = -55°C to +125°C
• TJ = -55°C to +150°C
▪ Qualified to Renesas Rad Hard GaN FET
Screening and QCI Flow (R34TB0003EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-V




Similar Part No. - ISL70023SEHML

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70023SEHML RENESAS-ISL70023SEHML Datasheet
564Kb / 13P
100V, 60A Enhancement Mode GaN Power Transistor
May 4, 2022
More results


Similar Description - ISL70023SEHML

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N10 UTC-UTT60N10 Datasheet
129Kb / 3P
60A, 100V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Jiangsu Donghai Semicon...
B60N10 WXDH-B60N10 Datasheet
719Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
I60N10 WXDH-I60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
logo
Renesas Technology Corp
ISL70023SEH RENESAS-ISL70023SEH Datasheet
564Kb / 13P
100V, 60A Enhancement Mode GaN Power Transistor
May 4, 2022
logo
Rohm
GNP1070TC-Z ROHM-GNP1070TC-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNP1150TCA-Z ROHM-GNP1150TCA-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
logo
GaN Systems Inc.
GS61004B GAN-GS61004B Datasheet
849Kb / 14P
100V enhancement mode GaN transistor
Rev. 180419
logo
Rohm
GNE1008TB ROHM-GNE1008TB Datasheet
1Mb / 6P
GaN Enhancement Mode Power Transistor
26.Jun.2023 Rev.003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com