Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC139E Datasheet (PDF) - Texas Instruments

CD74HC139E Datasheet PDF - Texas Instruments
Part # CD74HC139E
Download  CD74HC139E Download
File Size   358.77 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer

CD74HC139E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC139E Datasheet PDF - Texas Instruments

Part # CD74HC139E
Download  CD74HC139E Click to download

File Size   358.77 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer

CD74HC139E Datasheet (HTML) - Texas Instruments


CD74HC139E Product details

Features
• Multifunction Capability
- Binary to 1 of 4 Decoders or 1 to 4 Line
Demultiplexer
• Active Low Mutually Exclusive Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH
• Memory Decoding, Data Routing, Code Conversion

Description
The ’HC139 and ’HCT139 devices contain two independent
binary to one of four decoders each with a single active low
enable input (1E or 2E). Data on the select inputs (1A0 and
1A1 or 2A0 and 2A1) cause one of the four normally high
outputs to go low.
If the enable input is high all four outputs remain high. For
demultiplexer operation the enable input is the data input.
The enable input also functions as a chip select when these
devices are cascaded. This device is functionally the same
as the CD4556B and is pin compatible with it.
The outputs of these devices can drive 10 low power
Schottky TTL equivalent loads. The HCT logic family is
functionally as well as pin equivalent to the LS logic family.




Similar Part No. - CD74HC139E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC139E TI-CD74HC139E Datasheet
36Kb / 6P
High-Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
CD74HC139E TI-CD74HC139E Datasheet
271Kb / 11P
High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
logo
Harris Corporation
CD74HC139E HARRIS-CD74HC139E Datasheet
26Kb / 5P
High Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Texas Instruments
CD74HC139E TI-CD74HC139E Datasheet
415Kb / 13P
High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
CD74HC139EE4 TI-CD74HC139EE4 Datasheet
271Kb / 11P
High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
More results


Similar Description - CD74HC139E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
CD74HC139 TI-CD74HC139 Datasheet
36Kb / 6P
High-Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD54HC139 TI-CD54HC139 Datasheet
271Kb / 11P
High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154 Datasheet
229Kb / 14P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
logo
Harris Corporation
CD74HCT139 HARRIS-CD74HCT139 Datasheet
26Kb / 5P
High Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Texas Instruments
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC139 TI-CD54HC139_07 Datasheet
415Kb / 13P
High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com