Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC42E Datasheet (PDF) - Texas Instruments

CD74HC42E Datasheet PDF - Texas Instruments
Part # CD74HC42E
Download  CD74HC42E Download
File Size   314.17 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)

CD74HC42E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC42E Datasheet PDF - Texas Instruments

Part # CD74HC42E
Download  CD74HC42E Click to download

File Size   314.17 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)

CD74HC42E Datasheet (HTML) - Texas Instruments


CD74HC42E Product details

Features
• Buffered Inputs and Outputs
• Typical Propagation Delay: 12ns at VCC = 5V,
CL = 15pF, TA = 25oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC42 and CD74HCT42 BCD-to-Decimal Decoders
utilize silicon-gate CMOS technology to achieve operating
speeds similar to LSTTL decoders with the low power
consumption of standard CMOS integrated circuits. These
devices have the capability of driving 10 LSTLL loads and
are compatible with the standard LS logic family. One of ten
outputs (low on select) is selected in accordance with the
BCD input. Non-valid BCD inputs result in none of the
outputs being selected (all outputs are high).




Similar Part No. - CD74HC42E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC42E TI-CD74HC42E Datasheet
40Kb / 6P
High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
CD74HC42E TI-CD74HC42E Datasheet
261Kb / 10P
High-Speed CMOS Logic BCD-to-Decimal Decoders
CD74HC42E TI-CD74HC42E Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
CD74HC42EE4 TI-CD74HC42EE4 Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
More results


Similar Description - CD74HC42E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5442A NSC-5442A Datasheet
118Kb / 6P
BCD to Decimal Decoders
logo
Texas Instruments
CD74HC42 TI-CD74HC42 Datasheet
40Kb / 6P
High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
CD54HC42 TI-CD54HC42 Datasheet
261Kb / 10P
High-Speed CMOS Logic BCD-to-Decimal Decoders
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS42 ETC1-DN74LS42 Datasheet
256Kb / 3P
BCD to Decimal Decoders
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
CD74HCT42EE4 TI-CD74HCT42EE4 Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
BCD to decimal decoder (1-of-10)
December 1990
logo
Texas Instruments
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
BCD-TO-DECIMAL DECODERS/DRIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com