Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT541CTSOCT.B Datasheet (PDF) - Texas Instruments

CY74FCT541CTSOCT.B Datasheet PDF - Texas Instruments
Part # CY74FCT541CTSOCT.B
Download  CY74FCT541CTSOCT.B Download
File Size   252.44 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS

CY74FCT541CTSOCT.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT541CTSOCT.B Datasheet PDF - Texas Instruments

Part # CY74FCT541CTSOCT.B
Download  CY74FCT541CTSOCT.B Click to download

File Size   252.44 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS

CY74FCT541CTSOCT.B Datasheet (HTML) - Texas Instruments


CY74FCT541CTSOCT.B Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
CY54FCT541T
– 48-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT541T
– 64-mA Output Sink Current
– 32-mA Output Source Current
3-State Outputs

description
The ’FCT541T noninverting buffers/line drivers
can be employed as memory address drivers,
clock drivers, and bus-oriented transmitters/receivers. These devices provide speed and drive capabilities
equivalent to their fastest bipolar-logic counterparts, while reducing power dissipation. The input and output
voltage levels allow direct interface with TTL, NMOS, and CMOS devices without external components.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT541CTSOCT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT541CTSOCT.B TI2-CY74FCT541CTSOCT.B Datasheet
243Kb / 12P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
REVISED OCTOBER 2001
CY74FCT541CTSOCT.B TI2-CY74FCT541CTSOCT.B Datasheet
256Kb / 14P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
OCTOBER 2001
More results


Similar Description - CY74FCT541CTSOCT.B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
CY54FCT240T TI-CY54FCT240T Datasheet
150Kb / 11P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT240T TI-CY54FCT240T_07 Datasheet
689Kb / 21P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT244T TI-CY54FCT244T_08 Datasheet
714Kb / 20P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
CY54FCT541T TI1-CY54FCT541T Datasheet
465Kb / 13P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT540T TI1-CY54FCT540T_15 Datasheet
465Kb / 12P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com