Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC18S5X Datasheet (PDF) - NXP Semiconductors

LPC18S5X Datasheet PDF - NXP Semiconductors
Part # LPC18S5X_V01
Download  LPC18S5X Download
File Size   2713.32 Kbytes
Page   152 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine

LPC18S5X Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC18S5X Datasheet PDF - NXP Semiconductors

Part # LPC18S5X_V01
Download  LPC18S5X Click to download

File Size   2713.32 Kbytes
Page   152 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine

LPC18S5X Datasheet (HTML) - NXP Semiconductors


LPC18S5X Product details

General description
The LPC18S5x/S3x are ARM Cortex-M3 based microcontrollers for embedded applications. The ARM Cortex-M3 is a next generation core that offers system enhancements such as low power consumption, enhanced debug features, and a high level of support block integration.
The LPC18S5x/S3x operate at CPU frequencies of up to 180 MHz. The ARM Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with separate local instruction and data buses as well as a third bus for peripherals. The ARM Cortex-M3 CPU also includes an internal prefetch unit that supports speculative branching.
The LPC18S5x/S3x include up to 1 MB of flash and 136 kB of on-chip SRAM, 16 kB of EEPROM memory, a quad SPI Flash Interface (SPIFI), a State-configurable Timer/PWM (SCTimer/PWM) subsystem, two High-speed USB controllers, Ethernet, LCD, an external memory controller, and multiple digital and analog peripherals.
For additional documentation related to the LPC18xx parts, see Section 17 “References”.

Features and benefits
 Processor core
 ARM Cortex-M3 processor (version r2p1), running at CPU frequencies of up to 180 MHz.
 ARM Cortex-M3 built-in Memory Protection Unit (MPU) supporting eight regions.
 ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
 Non-maskable Interrupt (NMI) input.
 JTAG and Serial Wire Debug, serial trace, eight breakpoints, and four watch points.
 Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
 System tick timer.
 On-chip memory
 Up to 1 MB on-chip dual bank flash memory with flash accelerator.
 16 kB on-chip EEPROM data memory.
 136 kB SRAM for code and data use.
 Multiple SRAM blocks with separate bus access.
 64 kB ROM containing boot code and on-chip software drivers.
 64 bit+ 256 bit of One-Time Programmable (OTP) memory for general-purpose use.
 AES engine for encryption and decryption of the boot image and data with DMA support and programmable via a ROM-based API.
 Clock generation unit
 Crystal oscillator with an operating range of 1 MHz to 25 MHz.
 12 MHz internal RC oscillator trimmed to 3 % accuracy over temperature and voltage (1.5 % accuracy for Tamb = 0 °C to 85 °C).
 Ultra-low power RTC crystal oscillator.
 Three PLLs allow CPU operation up to the maximum CPU rate without the need for a high-frequency crystal. The second PLL can be used with the High-speed USB, the third PLL can be used as audio PLL.
 Clock output.
 Configurable digital peripherals:
 State Configurable Timer/PWM (SCTimer/PWM) subsystem on AHB.
 Global Input Multiplexer Array (GIMA) allows to cross-connect multiple inputs and outputs to event driven peripherals like timers, SCTimer/PWM, and ADC0/1.
 Serial interfaces:
 Quad SPI Flash Interface (SPIFI) with 1-, 2-, or 4-bit data at rates of up to 52 MB per second.
 10/100T Ethernet MAC with RMII and MII interfaces and DMA support for high throughput at low CPU load. Support for IEEE 1588 time stamping/advanced time stamping (IEEE 1588-2008 v2).
 One High-speed USB 2.0 Host/Device/OTG interface with DMA support and on-chip high-speed PHY (USB0).
 One High-speed USB 2.0 Host/Device interface with DMA support, on-chip full-speed PHY and ULPI interface to an external high-speed PHY (USB1).
 USB interface electrical test software included in ROM USB stack.
 Four 550 UARTs with DMA support: one UART with full modem interface; one UART with IrDA interface; three USARTs support UART synchronous mode and a smart card interface conforming to ISO7816 specification.
 Up to two C_CAN 2.0B controllers with one channel each.
 Two SSP controllers with FIFO and multi-protocol support. Both SSPs with DMA support.
 One Fast-mode Plus I2C-bus interface with monitor mode and with open-drain I/O pins conforming to the full I2C-bus specification. Supports data rates of up to 1 Mbit/s.
 One standard I2C-bus interface with monitor mode and standard I/O pins.
 Two I2S interfaces with DMA support, each with one input and one output.
 Digital peripherals:
 External Memory Controller (EMC) supporting external SRAM, ROM, NOR flash, and SDRAM devices.
 LCD controller with DMA support and a programmable display resolution of up to 1024H x 768V. Supports monochrome and color STN panels and TFT color panels; supports 1/2/4/8 bpp Color Look-Up Table (CLUT) and 16/24-bit direct pixel mapping.
 SD/MMC card interface.
 Eight-channel General-Purpose DMA controller can access all memories on the AHB and all DMA-capable AHB slaves.
 Up to 164 General-Purpose Input/Output (GPIO) pins with configurable pull-up/pull-down resistors.
 GPIO registers are located on the AHB for fast access. GPIO ports have DMA support.
 Up to eight GPIO pins can be selected from all GPIO pins as edge and level sensitive interrupt sources.
 Two GPIO group interrupt modules enable an interrupt based on a programmable pattern of input states of a group of GPIO pins.
 Four general-purpose timer/counters with capture and match capabilities.
 One motor control PWM for three-phase motor control.
 One Quadrature Encoder Interface (QEI).
 Repetitive Interrupt timer (RI timer).
 Windowed watchdog timer.
 Ultra-low power Real-Time Clock (RTC) on separate power domain with 256 bytes of battery powered backup registers.
 Event recorder with three inputs to record event identification and event time; can be battery powered.
 Alarm timer; can be battery powered.
 Analog peripherals:
 One 10-bit DAC with DMA support and a data conversion rate of 400 kSamples/s.
 Two 10-bit ADCs with DMA support and a data conversion rate of 400 kSamples/s. Up to eight analog channels total. Each analog input is connected to both ADCs.
 Unique ID for each device.
 Power:
 Single 3.3 V (2.4 V to 3.6 V) power supply with on-chip internal voltage regulator for the core supply and the RTC power domain.
 RTC power domain can be powered separately by a 3 V battery supply.
 Four reduced power modes: Sleep, Deep-sleep, Power-down, and Deep power-down.
 Processor wake-up from Sleep mode via wake-up interrupts from various peripherals.
 Wake-up from Deep-sleep, Power-down, and Deep power-down modes via external interrupts and interrupts generated by battery powered blocks in the RTC power domain.
 Brownout detect with four separate thresholds for interrupt and forced reset.
 Power-On Reset (POR).
 Available in LQFP208, LBGA256, LQFP144, and TFBGA100 packages.

Applications
 Industrial
 RFID readers
 Consumer
 e-Metering
 White goods




Similar Part No. - LPC18S5X_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
More results


Similar Description - LPC18S5X_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
LPC43S5X NXP-LPC43S5X Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com