Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUP.40005 Datasheet (PDF) - Comus International

GUP.40005 Datasheet PDF - Comus International
Part # GUP.40005
Download  GUP.40005 Download
File Size   60.87 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Mercury Wetted Reed Relays

GUP.40005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GUP.40005 Datasheet PDF - Comus International

Part # GUP.40005
Download  GUP.40005 Click to download

File Size   60.87 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Mercury Wetted Reed Relays

GUP.40005 Datasheet (HTML) - Comus International


GUP.40005 Product details

Features
* Miniature mercury wetted reed relay, 2 poles, form A
* PCB Mounting
* Fully encapsulated
* Plastic case




Similar Part No. - GUP.40005

ManufacturerPart #DatasheetDescription
logo
Comus International
GUP.40001 COMUS-GUP.40001 Datasheet
85Kb / 2P
Mercury Wetted Reed Relays
GUP.40002 COMUS-GUP.40002 Datasheet
379Kb / 2P
Mercury Wetted Reed Relay
GUP.40003 COMUS-GUP.40003 Datasheet
593Kb / 2P
Mercury Wetted Reed Relays
GUP.40006 COMUS-GUP.40006 Datasheet
64Kb / 2P
Mercury Wetted Reed Relays
GUP.40007 COMUS-GUP.40007 Datasheet
59Kb / 2P
Mercury Wetted Reed Relays
More results


Similar Description - GUP.40005

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
MINIATURE REED RELAYS
50W-1A11 DBLECTRO-50W-1A11 Datasheet
984Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
60W-1E10 DBLECTRO-60W-1E10 Datasheet
846Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
Reed Relays
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
Reed Relays
logo
celduc-relais
F81A CELDUC-F81A Datasheet
137Kb / 2P
REED RELAY / MERCURY CONTACT
logo
Tyco Electronics
159-117G00 MACOM-159-117G00 Datasheet
294Kb / 6P
Mercury-Wetted Reed Relays
logo
Meder Electronic
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
Reed Relays
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
Reed Relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com