Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK09H90A Datasheet (PDF) - Toshiba Semiconductor

TK09H90A Datasheet PDF - Toshiba Semiconductor
Part # TK09H90A
Download  TK09H90A Download
File Size   239.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

TK09H90A Datasheet (PDF)

Go To PDF Page Download Datasheet
TK09H90A Datasheet PDF - Toshiba Semiconductor

Part # TK09H90A
Download  TK09H90A Click to download

File Size   239.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

TK09H90A Datasheet (HTML) - Toshiba Semiconductor


TK09H90A Product details

Switching Regulator Applications



• Low drain−source ON resistance : RDS (ON) = 1.0Ω (typ.)

• High forward transfer admittance : |Yfs| = 6S (typ.)

• Low leakage current : IDSS = 100 μA (max) (VDS = 720V)

• Enhancement mode : Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)



 




Similar Part No. - TK09H90A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK090A65Z TOSHIBA-TK090A65Z Datasheet
412Kb / 10P
MOSFETs Silicon N-Channel MOS
2018-11-20 Rev.1.0
logo
Inchange Semiconductor ...
TK090A65Z ISC-TK090A65Z Datasheet
302Kb / 2P
N-Channel MOSFET
logo
Toshiba Semiconductor
TK090E65Z TOSHIBA-TK090E65Z Datasheet
472Kb / 10P
MOSFETs Silicon N-Channel MOS
2022-02-01 Rev.3.0
TK090N65Z TOSHIBA-TK090N65Z Datasheet
413Kb / 10P
MOSFETs Silicon N-Channel MOS
2018-11-26 Rev.1.0
TK090U65Z TOSHIBA-TK090U65Z Datasheet
485Kb / 10P
MOSFETs Silicon N-Channel MOS
2020-10-23 Rev.1.0
More results


Similar Description - TK09H90A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
Switching Regulator Applications
logo
Toshiba Semiconductor
2SK3309 TOSHIBA-2SK3309 Datasheet
234Kb / 6P
Switching Regulator Applications
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
Switching Regulator Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
KODENSHI_AUK CORP.
SMK0860P KODENSHI-SMK0860P Datasheet
426Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0460I-SPEC-SHEET KODENSHI-SMK0460I-SPEC-SHEET Datasheet
372Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0765F-1 KODENSHI-SMK0765F-1 Datasheet
439Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK830D-1 KODENSHI-SMK830D-1 Datasheet
508Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0965FJ-1 KODENSHI-SMK0965FJ-1 Datasheet
419Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK1060FJ-1 KODENSHI-SMK1060FJ-1 Datasheet
412Kb / 8P
SWITCHING REGULATOR APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com