Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AKM Datasheet (PDF) - Bel Fuse Inc.

0AKM Datasheet PDF - Bel Fuse Inc.
Part # 0AKM
Download  0AKM Download
File Size   439.72 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC rated ceramic tube fuse

0AKM Datasheet (PDF)

Go To PDF Page Download Datasheet
0AKM Datasheet PDF - Bel Fuse Inc.

Part # 0AKM
Download  0AKM Click to download

File Size   439.72 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC rated ceramic tube fuse

0AKM Datasheet (HTML) - Bel Fuse Inc.


0AKM Product details

Features
- Design to EV fuse standard UL248-20
- Reliability performance design refer to ISO8820-8&GB/T31465.6
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863

Applications
EV/HEV/ESS Applications




Similar Part No. - 0AKM

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0AKM BEL-0AKM Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKMB9500-BD BEL-0AKMB9500-BD Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKMB9600-BD BEL-0AKMB9600-BD Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKMB9800-BD BEL-0AKMB9800-BD Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKMX9500-XX BEL-0AKMX9500-XX Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
More results


Similar Description - 0AKM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
MEGA Fuse Rated 32V
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
TFATO LITTELFUSE-TFATO Datasheet
169Kb / 1P
Blade Fuse Rated 90V
TOE LITTELFUSE-TOE Datasheet
194Kb / 2P
Blade Fuse Rated 58V
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
Solar Rated Midget Fuse
0214005.LXN LITTELFUSE-0214005.LXN Datasheet
108Kb / 1P
Thermoplastic Fuse Rated 36V
logo
Bel Fuse Inc.
0ADKC BEL-0ADKC Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
0ACG-1000-XX BEL-0ACG-1000-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
0AKR BEL-0AKR Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com