Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9418/H20 Datasheet (PDF) - Sensata Technologies, Inc.

9418/H20 Datasheet PDF - Sensata Technologies, Inc.
Part # 9418/H20
Download  9418/H20 Download
File Size   105.94 Kbytes
Page   1 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description BORE REDUCTION INSERT

9418/H20 Datasheet (PDF)

Go To PDF Page Download Datasheet
9418/H20 Datasheet PDF - Sensata Technologies, Inc.

Part # 9418/H20
Download  9418/H20 Click to download

File Size   105.94 Kbytes
Page   1 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description BORE REDUCTION INSERT

9418/H20 Datasheet (HTML) - Sensata Technologies, Inc.


9418/H20 Product details

Features
• Bore reduction inserts (or sleeves) allow the user to reduce the bore
size of the LP series encoders from 30mm down to a size that matches
to their mating shaft.
• The reduction insert provides both thermal and electrical isolation of
the encoder from the shaft.
• Electrical isolation is rated at 2.5 kV.
• Proper installation is shown below and shaft runout should be limited
according to this table.




Similar Part No. - 9418/H20

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
9418/E20 SENSATA-9418/E20 Datasheet
116Kb / 2P
BORE REDUCTION SLEEVE
Rev:06/14/18
9418/EE6 SENSATA-9418/EE6 Datasheet
116Kb / 2P
BORE REDUCTION SLEEVE
Rev:06/14/18
9418/EE8 SENSATA-9418/EE8 Datasheet
116Kb / 2P
BORE REDUCTION SLEEVE
Rev:06/14/18
9418/S20 SENSATA-9418/S20 Datasheet
772Kb / 2P
FOR USE WITH DSU9 FUNCTIONAL SAFETY ENCODER SERIES
Rev:03/16/18
9418/S25 SENSATA-9418/S25 Datasheet
772Kb / 2P
FOR USE WITH DSU9 FUNCTIONAL SAFETY ENCODER SERIES
Rev:03/16/18
More results


Similar Description - 9418/H20

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
NOISE REDUCTION
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
EMI Reduction IC
logo
Rosenberger Hochfrequen...
119S64A-500N5 ROSENBERGER-119S64A-500N5 Datasheet
197Kb / 2P
BULKHEAD PLUG SMOOTH BORE
119S641-500N5 ROSENBERGER-119S641-500N5 Datasheet
218Kb / 2P
BULKHEAD PLUG SMOOTH BORE
19S641-271L5 ROSENBERGER-19S641-271L5 Datasheet
200Kb / 2P
BULKHEAD PLUG SMOOTH BORE
logo
Amphenol Corporation
SF3211-6004 AMPHENOL-SF3211-6004 Datasheet
24Kb / 1P
SMPM, MALE TO T-FLEX 405 SMOOTH BORE INTERFACE FIT M38999 SIZE 12 INSERT
logo
SparkFun Electronics
ROB-12361 SPARKFUN-ROB-12361 Datasheet
93Kb / 1P
Clamping Hub - 5mm Bore
2/4/2016
ROB-12455 SPARKFUN-ROB-12455 Datasheet
91Kb / 1P
Clamping Hub - 4mm Bore
2/4/2016
logo
Amphenol SV Microwave
SF3211-6004 SVMICROWAVE-SF3211-6004 Datasheet
25Kb / 1P
SMPM, MALE TO T-FLEX 405 SMOOTH BORE INTERFACE FIT M38999 SIZE 12 INSERT
REV.B 06/08
012-80-485 SVMICROWAVE-012-80-485 Datasheet
490Kb / 1P
3mm SMOOTH BORE SHROUD
9/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com