Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB3238J Datasheet (PDF) - Qorvo, Inc

QPB3238J Datasheet PDF - Qorvo, Inc
Part # QPB3238J
Download  QPB3238J Download
File Size   816.76 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 32 – 38 GHz GaN Driver Amplifier

QPB3238J Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB3238J Datasheet PDF - Qorvo, Inc

Part # QPB3238J
Download  QPB3238J Click to download

File Size   816.76 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 32 – 38 GHz GaN Driver Amplifier

QPB3238J Datasheet (HTML) - Qorvo, Inc


QPB3238J Product details

Product Description The QPB3238J is a solid state driver amplifier with an operating range of 32 – 38 GHz while achieving 42 dBm (15 Watts) of saturated output power. Its compact size and weight make it ideally suited to drive Qorvo's Spatium SSPAs in the 32 – 38 GHz band targeting Electronic Warfare, Radar, and Military Communications applications. The QPB3238J includes a DC enable function that can be used to pulse / modulate the RF output of the amplifier. In BLANK (disabled) mode, the amplifier’s current is reduced to nearly 0A, resulting in reduced noise and power dissipation. RF input and output are via WR28 waveguide connections. DC power and control / monitoring interface is provided via a Micro D-Sub connector..

Product Features
• Frequency Range: 32 – 38 GHz
• Saturated Output Power: 43 dBm (PIN = 5 dBm, Pulse)
• Saturated Output Power: 42 dBm (PIN = 5 dBm, CW)
• Solid State MMIC Reliability
• Instant On (no warm-up)
• BLANK Mode
• Fast DC Pulsing

Applications
• TWTA Replacement
• Electronic Warfare
• Radar
• Communications




Similar Part No. - QPB3238J

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB3238 QORVO-QPB3238 Datasheet
794Kb / 9P
32 ??38 GHz Ka-Band GaN Amplifier
QPB3238N QORVO-QPB3238N Datasheet
1Mb / 17P
32 – 38 GHz Ka-Band GaN Amplifier
September 2021
More results


Similar Description - QPB3238J

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
QPA2225D QORVO-QPA2225D Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
logo
Custom MMIC Design Serv...
CMD217 MMIC-CMD217 Datasheet
200Kb / 8P
28-32 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
QPB3238 QORVO-QPB3238 Datasheet
794Kb / 9P
32 ??38 GHz Ka-Band GaN Amplifier
TGA2224 QORVO-TGA2224 Datasheet
545Kb / 21P
32 ??38 GHz 5 Watt GaN Amplifier
TGA2222 QORVO-TGA2222 Datasheet
571Kb / 21P
32 ??38 GHz 10 Watt GaN Amplifier
QPA2225 QORVO-QPA2225 Datasheet
855Kb / 22P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
Dec. 2021
QPA2225D QORVO-QPA2225D_V01 Datasheet
1Mb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
May 2021
QPB3238N QORVO-QPB3238N Datasheet
1Mb / 17P
32 – 38 GHz Ka-Band GaN Amplifier
September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com