Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC4610TR7 Datasheet (PDF) - Qorvo, Inc

QPC4610TR7 Datasheet PDF - Qorvo, Inc
Part # QPC4610TR7
Download  QPC4610TR7 Download
File Size   915.86 Kbytes
Page   26 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description K-Band Downconverter

QPC4610TR7 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC4610TR7 Datasheet PDF - Qorvo, Inc

Part # QPC4610TR7
Download  QPC4610TR7 Click to download

File Size   915.86 Kbytes
Page   26 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description K-Band Downconverter

QPC4610TR7 Datasheet (HTML) - Qorvo, Inc


QPC4610TR7 Product details

Product Description
The Qorvo QPC4610 is a K-Band Image Reject
Downconverter. The QPC4610 operates over an RF
frequency range of 17 to 27 GHz and LO from 6.5 to
15.5 GHz with IF outputs from DC to 4 GHz. This part
is designed using Qorvo’s pHEMT production process.
The QPC4610 integrates an LNA, and image reject
mixer driven by a multiplier. It typically provides an
Input IP3 of 3 dBm at –25 dBm input power per tone
and has a conversion gain of 15 dB and noise figure of
2.5 dB or less.
The QPC4610 is available in a low-cost, surface mount
28 lead 5x5 mm QFN package and is ideally suited for
Point-to-Point Radio, and K-Band VSAT Ground
Terminal applications.

Product Features
• RF Frequency Range: 17 – 27 GHz
• IF Frequency: DC – 4 GHz
• LO Frequency: 6.5 – 15.5 GHz
• LO Input Power: 2 to 9 dBm
• Conversion Gain: 15 dB
• Noise Figure: ≤ 2.5 dB
• Package Dimensions: 5.0 x 5.0 x 1.3 mm

Applications
• VSAT
• Point-to-Point Radio
• Test Equipment & Sensors




Similar Part No. - QPC4610TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC4614 QORVO-QPC4614 Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
QPC4614EVB-01 QORVO-QPC4614EVB-01 Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
QPC4614SB QORVO-QPC4614SB Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
QPC4614SR QORVO-QPC4614SR Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
QPC4614TR13 QORVO-QPC4614TR13 Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
More results


Similar Description - QPC4610TR7

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
UMTS-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
Cellular-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
logo
TriQuint Semiconductor
TGC4610-SM TRIQUINT-TGC4610-SM Datasheet
1Mb / 26P
K-Band Downconverter
TGC4610-SM TRIQUINT-TGC4610-SM_15 Datasheet
914Kb / 26P
K-Band Downconverter
logo
Analog Devices
ADMV4420 AD-ADMV4420 Datasheet
1Mb / 61P
K Band Downconverter with Integrated Fractional-N PLL and VCO
4/2019-Rev. 0 to Rev. A
logo
Qorvo, Inc
TGC4610-SM QORVO-TGC4610-SM Datasheet
863Kb / 26P
K-Band Downconverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com