Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75177B Datasheet (PDF) - Texas Instruments

SN75177B Datasheet PDF - Texas Instruments
Part # SN75177B
Download  SN75177B Download
File Size   247.63 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL BUS REPEATERS

SN75177B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75177B Datasheet PDF - Texas Instruments

Part # SN75177B
Download  SN75177B Click to download

File Size   247.63 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL BUS REPEATERS

SN75177B Datasheet (HTML) - Texas Instruments


SN75177B Product details

Meets EIA Standards RS-422-A and RS-485
and CCITT Recommendations V.11 and X.27
Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
3-State Outputs
Bus Voltage Range . . . –7 V to 12 V
Positive and Negative Current Limiting
Driver Output Capability . . . 60 mA Max
Driver Thermal Shutdown Protection
Receiver Input Impedance . . . 12 kW Min
Receiver Input Sensitivity . . . ±200 mV
Receiver Input Hysteresis . . . 50 mV Typ
Operates From Single 5-V Supply
Low Power Requirements




Similar Part No. - SN75177B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75177B TI-SN75177B Datasheet
165Kb / 11P
DIFFERENTIAL BUS REPEATERS
SN75177B TI1-SN75177B Datasheet
177Kb / 12P
DIFFERENTIAL BUS REPEATERS
SN75177BD TI-SN75177BD Datasheet
165Kb / 11P
DIFFERENTIAL BUS REPEATERS
SN75177BD TI1-SN75177BD Datasheet
177Kb / 12P
DIFFERENTIAL BUS REPEATERS
SN75177BP TI-SN75177BP Datasheet
165Kb / 11P
DIFFERENTIAL BUS REPEATERS
More results


Similar Description - SN75177B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
SN75177B TI-SN75177B Datasheet
165Kb / 11P
DIFFERENTIAL BUS REPEATERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN75177B TI1-SN75177B_10 Datasheet
177Kb / 12P
DIFFERENTIAL BUS REPEATERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com