Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL441MNSREP.A Datasheet (PDF) - Texas Instruments

TL441MNSREP.A Datasheet PDF - Texas Instruments
Part # TL441MNSREP.A
Download  TL441MNSREP.A Download
File Size   352.46 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOGARITHMIC AMPLIFIER

TL441MNSREP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL441MNSREP.A Datasheet PDF - Texas Instruments

Part # TL441MNSREP.A
Download  TL441MNSREP.A Click to download

File Size   352.46 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOGARITHMIC AMPLIFIER

TL441MNSREP.A Datasheet (HTML) - Texas Instruments


TL441MNSREP.A Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Excellent Dynamic Range
Wide Bandwidth
Built-In Temperature Compensation
Log Linearity (30-dB Sections) . . . 1 dB Typ
Wide Input Voltage Range

DESCRIPTION
This amplifier circuit contains four 30-dB logarithmic stages. Gain in each stage is such that the output of each
stage is proportional to the logarithm of the input voltage over the 30-dB input voltage range. Each half of the
circuit contains two of these 30-dB stages summed together in one differential output that is proportional to the
sum of the logarithms of the input voltages of the two stages. The four stages may be interconnected to obtain
a theoretical input voltage range of 120-dB. In practice, this permits the input voltage range typically to be greater
than 80-dB with log linearity of ±0.5-dB (see application data). Bandwidth is from dc to 40 MHz.
This circuit is useful in data compression and analog compensation. This logarithmic amplifier is used in log IF
circuitry as well as video and log amplifiers.
The TL441M is characterized for operation over the full military temperature range of −55°C to 125°C.




Similar Part No. - TL441MNSREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL441MNSREP TI1-TL441MNSREP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441MNSREP TI1-TL441MNSREP Datasheet
800Kb / 19P
LOGARITHMIC AMPLIFIER
More results


Similar Description - TL441MNSREP.A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
True logarithmic amplifier
1995 Jul 25
logo
Texas Instruments
TL441 TI-TL441 Datasheet
226Kb / 15P
LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
LOGARITHMIC AMPLIFIER
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
logo
Texas Instruments
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
LOGARITHMIC AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com