Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141M Datasheet (PDF) - Texas Instruments

TLE2141M Datasheet PDF - Texas Instruments
Part # TLE2141M
Download  TLE2141M Download
File Size   275.09 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS

TLE2141M Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE2141M Datasheet PDF - Texas Instruments

Part # TLE2141M
Download  TLE2141M Click to download

File Size   275.09 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS

TLE2141M Datasheet (HTML) - Texas Instruments


TLE2141M Product details

available features
• Low Noise:
10 Hz . . . 15 nV//Hz
1 kHz . . . 10.5 nV//Hz
• 10000-pF Load Capability
• 20-mA Min Short-Circuit Output Current
• 30-V/ms Min Slew Rate
• High Gain-Bandwidth Product . . . 5.9 MHz
• Low VIO . . . 500 mV Max at 25°C
• Single or Split Supply . . . 4 V to 44 V
• Fast Settling Time
340 ns to 0.1%
400 ns to 0.01%
• Saturation Recovery . . . 150 ns
• Large Output Swing . . . VCC– +0.1 V
to VCC+ – 1 V

description
The TLE2141M and TLE2141AM are high-performance, internally compensated operational amplifiers built
using Texas Instruments complementary bipolar Excalibur process. The TLE2141AM is a tighter offset voltage
grade of the TLE2141M. Both are pin-compatible upgrades to standard industry products.
The design incorporates a patent-pending input stage that simultaneously achieves low audio band noise of
10.5 nV//Hz with a 10-Hz 1/f corner and symmetrical 40-V/ms slew rate typically with loads up to 800 pF. The
resulting low distortion and high power bandwidth are important in high-fidelity audio applications. A fast settling
time of 340 ns to 0.1% of a 10-V step with a 2-kW/100-pF load is useful in fast actuator/positioning drivers. Under
similar test conditions, settling time to 0.01% is 400 ns.




Similar Part No. - TLE2141M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2141M TI1-TLE2141M Datasheet
272Kb / 21P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141M TI1-TLE2141M Datasheet
1Mb / 79P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141M TI2-TLE2141M Datasheet
498Kb / 27P
Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SEPTEMBER 2011
TLE2141M-D TI1-TLE2141M-D Datasheet
272Kb / 21P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141MD TI-TLE2141MD Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Similar Description - TLE2141M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_07 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com