Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5625CD Datasheet (PDF) - Texas Instruments

TLV5625CD Datasheet PDF - Texas Instruments
Part # TLV5625CD
Download  TLV5625CD Download
File Size   328.79 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V T0 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN

TLV5625CD Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5625CD Datasheet PDF - Texas Instruments

Part # TLV5625CD
Download  TLV5625CD Click to download

File Size   328.79 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7-V T0 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN

TLV5625CD Datasheet (HTML) - Texas Instruments


TLV5625CD Product details

features
Dual 8-Bit Voltage Output DAC
Programmable Internal Reference
Programmable Settling Time
− 3 μs in Fast Mode
− 10 μs in Slow Mode
Compatible With TMS320 and SPI Serial
Ports
Differential Nonlinearity <0.2 LSB Max
Monotonic Over Temperature

applications
Digital Servo Control Loops
Digital Offset and Gain Adjustment
Industrial Process Control
Machine and Motion Control Devices
Mass Storage Devices

description
The TLV5625 is a dual 8-bit voltage output DAC
with a flexible 3-wire serial interface. The serial
interface is compatible with TMS320, SPI,
QSPI, and Microwire serial ports. It is programmed
with a 16-bit serial string containing 4
control and 8 data bits.
The resistor string output voltage is buffered by an x2 gain rail-to-rail output buffer. The buffer features a
Class-AB output stage to improve stability and reduce settling time. The programmable settling time of the DAC
allows the designer to optimize speed versus power dissipation.
Implemented with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It
is available in an 8-pin SOIC package in standard commercial and industrial temperature ranges.




Similar Part No. - TLV5625CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5625CD TI-TLV5625CD Datasheet
218Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5625CD TI-TLV5625CD Datasheet
194Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625CDG4 TI-TLV5625CDG4 Datasheet
218Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5625CDG4 TI-TLV5625CDG4 Datasheet
194Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625CDR TI-TLV5625CDR Datasheet
218Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
More results


Similar Description - TLV5625CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5617A TI-TLV5617A Datasheet
197Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5625 TI-TLV5625 Datasheet
194Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625ID TI-TLV5625ID Datasheet
218Kb / 15P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com