Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78833DBVR Datasheet (PDF) - Texas Instruments

TPS78833DBVR Datasheet PDF - Texas Instruments
Part # TPS78833DBVR
Download  TPS78833DBVR Download
File Size   283.89 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION

TPS78833DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS78833DBVR Datasheet PDF - Texas Instruments

Part # TPS78833DBVR
Download  TPS78833DBVR Click to download

File Size   283.89 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION

TPS78833DBVR Datasheet (HTML) - Texas Instruments


TPS78833DBVR Product details

FEATURES
150-mA Low-Dropout Regulator
Available in 2.5 V, 3.3 V
Programmable Slew Rate Control
Output Noise Typically 56 μVRMS
Only 17 μA Quiescent Current at 150 mA
1 μA Quiescent Current in Standby Mode
Dropout Voltage Typically 150 mV at 150 mA
(TPS78833)
Over Current Limitation
–40°C to 125°C Operating Junction
Temperature Range
5-Pin SOT-23 (DBV) Package

DESCRIPTION
The TPS78825 and TPS78833 are very small (SOT-23)
package, low-noise LDOs that regulate the output
voltage to 2.5 V and 3.3 V with input voltage ranging
from 2.7 V to an absolute maximum of 13.5 V. These
devices output 150 mA with a peak current of 350 mA
(typ). The TPS788xx family uses the SR pin to program
the output voltage slew rate to control the in-rush
current. This is specifically used in the USB application
where large load capacitance is present at start-up. The
TPS788xx devices use only 17 μA of quiescent current
and exhibit only 56 μVRMS of output voltage noise using
a 10 μF output capacitor.
The usual PNP pass transistor has been replaced by a
PMOS pass element. Because the PMOS pass element
behaves as a low-value resistor, the dropout voltage is
very low, typically 150 mV at 150 mA of load current, and
is directly proportional to the load current.
The TPS788xx also features a logic-enabled sleep
mode to shut down the regulator, reducing quiescent
current to 1 μA typical at TJ = 25°C.




Similar Part No. - TPS78833DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
730Kb / 12P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVRG4 TI1-TPS78833DBVRG4 Datasheet
730Kb / 12P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
More results


Similar Description - TPS78833DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Analog Microelectronics
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com