Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT4403-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PMBT4403-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMBT4403-Q
Download  PMBT4403-Q Download
File Size   229.29 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 600 mA PNP switching transistor

PMBT4403-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT4403-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMBT4403-Q
Download  PMBT4403-Q Click to download

File Size   229.29 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 600 mA PNP switching transistor

PMBT4403-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PMBT4403-Q Product details

Features and benefits
• High current (max. 600 mA)
• Collector-emitter voltage VCEO = 40 V
• Qualified according to AEC-Q101 and recommended for use in automotive applications
Applications
• Switching and linear amplification




Similar Part No. - PMBT4403-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT4403 PHILIPS-PMBT4403 Datasheet
46Kb / 8P
PNP switching transistor
1999 Apr 15
PMBT4403 NXP-PMBT4403 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
PMBT4403 NXP-PMBT4403 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
logo
Nexperia B.V. All right...
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
40 V, 600 mA, PNP switching transistor
5 March 2015
logo
NXP Semiconductors
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
More results


Similar Description - PMBT4403-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT4403 NXP-PZT4403_10 Datasheet
102Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03-2 March 2010
logo
Nexperia B.V. All right...
PMBT2227AYS-Q NEXPERIA-PMBT2227AYS-Q Datasheet
289Kb / 15P
40 V, 600 mA, NPN/PNP double switching transistor
10 March 2022
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
40 V, 600 mA, PNP switching transistor
5 March 2015
PMST4403 NEXPERIA-PMST4403 Datasheet
815Kb / 13P
40 V, 600 mA PNP switching transistor
1 August 2016
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
60 V, 600 mA, PNP switching transistor
3 August 2015
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AMB NEXPERIA-PMBT2222AMB Datasheet
221Kb / 12P
40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AQA NEXPERIA-PMBT2222AQA Datasheet
242Kb / 14P
40 V, 600 mA NPN switching transistor
21 September 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com