Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT2B6 Datasheet (PDF) - Infineon Technologies AG

CYT2B6 Datasheet PDF - Infineon Technologies AG
Part # CYT2B6
Download  CYT2B6 Download
File Size   1189.58 Kbytes
Page   162 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO T2G 32-bit Automotive MCU

CYT2B6 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYT2B6 Datasheet PDF - Infineon Technologies AG

Part # CYT2B6
Download  CYT2B6 Click to download

File Size   1189.58 Kbytes
Page   162 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO T2G 32-bit Automotive MCU

CYT2B6 Datasheet (HTML) - Infineon Technologies AG


CYT2B6 Product details

General description
CYT2B6 is a family of TRAVEO™ T2G microcontrollers targeted at automotive systems such as body control units.
CYT2B6 has an Arm® Cortex®-M4 CPU for primary processing and an Arm® Cortex®-M0+ CPU for peripheral and
security processing. These devices contain embedded peripherals supporting Controller Area Network with
Flexible Data rate (CAN FD), and Local Interconnect Network (LIN). TRAVEO™ T2G devices are manufactured on
an advanced 40-nm process. CYT2B6 incorporates a low-power flash memory, multiple high-performance analog
and digital peripherals, and enables the creation of a secure computing platform.

Features
• Dual CPU subsystem
- 80-MHz (max) 32-bit Arm® Cortex®-M4F CPU with
• Single-cycle multiply
• Single-precision floating point unit (FPU)
• Memory protection unit (MPU)
- 80-MHz (max) 32-bit Arm® Cortex®-M0+ CPU with
• Single-cycle multiply
• Memory protection unit
- Inter-processor communication in hardware
- Three DMA controllers
• Peripheral DMA controller #0 (P-DMA0) with 54 channels
• Peripheral DMA controller #1 (P-DMA1) with 26 channels
• Memory DMA controller #0 (M-DMA0) with 2 channels

• Integrated memories
- 576 KB of code-flash with an additional 64 KB of work-flash
• Read-While-Write (RWW) allows updating the code-flash/work-flash while executing from it
• Single- and dual-bank modes (specifically for Firmware update Over The Air [FOTA])
• Flash programming through SWD/JTAG interface
- 64 KB of SRAM with selectable retention granularity

• Crypto engine[1]
- Supports enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM)
- Secure boot and authentication
• Using digital signature verification
• Using fast secure boot
- AES: 128-bit blocks, 128-/192-/256-bit keys
- 3DES[2]: 64-bit blocks, 64-bit key
- Vector unit[2] supporting asymmetric key cryptography such as Rivest-Shamir-Adleman (RSA) and Elliptic
Curve (ECC)
- SHA-1/2/3[2]: SHA-512, SHA-256, SHA-160 with variable length input data
- CRC[2]: supports CCITT CRC16 and IEEE-802.3 CRC32
- True random number generator (TRNG) and pseudo random number generator (PRNG)
- Galois/Counter Mode (GCM)




Similar Part No. - CYT2B6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
CYT2B73BADQ0AZEGS INFINEON-CYT2B73BADQ0AZEGS Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
CYT2B73BADQ0AZSGS INFINEON-CYT2B73BADQ0AZSGS Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
CYT2B73CADQ0AZEGS INFINEON-CYT2B73CADQ0AZEGS Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
CYT2B73CADQ0AZSGS INFINEON-CYT2B73CADQ0AZSGS Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results


Similar Description - CYT2B6

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J32BA CYPRESS-S6J32BA Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J32DA CYPRESS-S6J32DA Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
S6J328C CYPRESS-S6J328C Datasheet
2Mb / 179P
32-bit Microcontroller Traveo??Family
logo
Infineon Technologies A...
CYT4BF INFINEON-CYT4BF Datasheet
2Mb / 217P
TRAVEO??T2G 32-bit Automotive MCU
Rev. *J 2022-02-18
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com