Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6SLX4 Datasheet (PDF) - Advanced Micro Devices

XC6SLX4 Datasheet PDF - Advanced Micro Devices
Part # XC6SLX4
Download  XC6SLX4 Download
File Size   365.59 Kbytes
Page   11 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Spartan-6 Family Overview

XC6SLX4 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6SLX4 Datasheet PDF - Advanced Micro Devices

Part # XC6SLX4
Download  XC6SLX4 Click to download

File Size   365.59 Kbytes
Page   11 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Spartan-6 Family Overview

XC6SLX4 Datasheet (HTML) - Advanced Micro Devices


XC6SLX4 Product details

General Description
The Spartan®-6 family provides leading system integration capabilities with the lowest total cost for high-volume applications. The
thirteen-member family delivers expanded densities ranging from 3,840 to 147,443 logic cells, with half the power consumption of previous
Spartan families, and faster, more comprehensive connectivity. Built on a mature 45 nm low-power copper process technology that
delivers the optimal balance of cost, power, and performance, the Spartan-6 family offers a new, more efficient, dual-register 6-input lookup table (LUT) logic and a rich selection of built-in system-level blocks. These include 18 Kb (2 x 9 Kb) block RAMs, second generation
DSP48A1 slices, SDRAM memory controllers, enhanced mixed-mode clock management blocks, SelectIO™ technology, poweroptimized high-speed serial transceiver blocks, PCI Express® compatible Endpoint blocks, advanced system-level power management
modes, auto-detect configuration options, and enhanced IP security with AES and Device DNA protection. These features provide a lowcost programmable alternative to custom ASIC products with unprecedented ease of use. Spartan-6 FPGAs offer the best solution for
high-volume logic designs, consumer-oriented DSP designs, and cost-sensitive embedded applications. Spartan-6 FPGAs are the
programmable silicon foundation for Targeted Design Platforms that deliver integrated software and hardware components that enable
designers to focus on innovation as soon as their development cycle begins.

Summary of Spartan-6 FPGA Features
• Spartan-6 Family:
• Spartan-6 LX FPGA: Logic optimized
• Spartan-6 LXT FPGA: High-speed serial connectivity
• Designed for low cost
• Multiple efficient integrated blocks
• Optimized selection of I/O standards
• Staggered pads
• High-volume plastic wire-bonded packages
• Low static and dynamic power
• 45 nm process optimized for cost and low power
• Hibernate power-down mode for zero power
• Suspend mode maintains state and configuration with
multi-pin wake-up, control enhancement
• Lower-power 1.0V core voltage (LX FPGAs, -1L only)
• High performance 1.2V core voltage (LX and LXT
FPGAs, -2, -3, and -3N speed grades)
• Multi-voltage, multi-standard SelectIO™ interface banks
• Up to 1,080 Mb/s data transfer rate per differential I/O
• Selectable output drive, up to 24 mA per pin
• 3.3V to 1.2V I/O standards and protocols
• Low-cost HSTL and SSTL memory interfaces
• Hot swap compliance
• Adjustable I/O slew rates to improve signal integrity
• High-speed GTP serial transceivers in the LXT FPGAs
• Up to 3.2 Gb/s
• High-speed interfaces including: Serial ATA, Aurora,
1G Ethernet, PCI Express, OBSAI, CPRI, EPON,
GPON, DisplayPort, and XAUI
• Integrated Endpoint block for PCI Express designs (LXT)
• Low-cost PCI® technology support compatible with the
33 MHz, 32- and 64-bit specification.
• Efficient DSP48A1 slices
• High-performance arithmetic and signal processing
• Fast 18 x 18 multiplier and 48-bit accumulator
• Pipelining and cascading capability
• Pre-adder to assist filter applications
• Integrated Memory Controller blocks
• DDR, DDR2, DDR3, and LPDDR support
• Data rates up to 800 Mb/s (12.8 Gb/s peak bandwidth)
• Multi-port bus structure with independent FIFO to reduce
design timing issues
• Abundant logic resources with increased logic capacity
• Optional shift register or distributed RAM support
• Efficient 6-input LUTs improve performance and
minimize power
• LUT with dual flip-flops for pipeline centric applications
• Block RAM with a wide range of granularity
• Fast block RAM with byte write enable
• 18 Kb blocks that can be optionally programmed as two
independent 9 Kb block RAMs
• Clock Management Tile (CMT) for enhanced performance
• Low noise, flexible clocking
• Digital Clock Managers (DCMs) eliminate clock skew
and duty cycle distortion
• Phase-Locked Loops (PLLs) for low-jitter clocking
• Frequency synthesis with simultaneous multiplication,
division, and phase shifting
• Sixteen low-skew global clock networks
• Simplified configuration, supports low-cost standards
• 2-pin auto-detect configuration
• Broad third-party SPI (up to x4) and NOR flash support
• Feature rich Xilinx Platform Flash with JTAG
• MultiBoot support for remote upgrade with multiple
bitstreams, using watchdog protection
• Enhanced security for design protection
• Unique Device DNA identifier for design authentication
• AES bitstream encryption in the larger devices
• Faster embedded processing with enhanced, low cost,
MicroBlaze™ soft processor
• Industry-leading IP and reference designs




Similar Part No. - XC6SLX4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
More results


Similar Description - XC6SLX4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460121241 MOLEX11-0460121241 Datasheet
575Kb / 1P
MINIFIT FAMILY OVERVIEW
logo
IXYS Corporation
XC6VLX75T IXYS-XC6VLX75T Datasheet
390Kb / 11P
Virtex-6 Family Overview
logo
Xilinx, Inc
XC3S50A-4TQG144C XILINX-XC3S50A-4TQG144C Datasheet
5Mb / 132P
Spartan-3A FPGA Family
XC3S50 XILINX-XC3S50_05 Datasheet
1Mb / 198P
Spartan-3 FPGA Family
XC3S50 XILINX-XC3S50_08 Datasheet
5Mb / 216P
Spartan-3 FPGA Family
XC4VFX60-10FF1152I XILINX-XC4VFX60-10FF1152I Datasheet
224Kb / 9P
Virtex-4 Family Overview
XC6SLX100T-2FGG676C XILINX-XC6SLX100T-2FGG676C Datasheet
332Kb / 10P
Spartan-6 Family Overview
XC6VLX75 XILINX-XC6VLX75_11 Datasheet
379Kb / 11P
Virtex-6 Family Overview
XC6VLX75T XILINX-XC6VLX75T Datasheet
390Kb / 11P
Virtex-6 Family Overview
XC17S00A XILINX-XC17S00A Datasheet
93Kb / 9P
Spartan-II/Spartan-IIE Family
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com