Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5746CSK1CMN2 Datasheet (PDF) - NXP Semiconductors

SPC5746CSK1CMN2 Datasheet PDF - NXP Semiconductors
Part # SPC5746CSK1CMN2
Download  SPC5746CSK1CMN2 Download
File Size   995.22 Kbytes
Page   70 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Freescale Semiconductor

SPC5746CSK1CMN2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC5746CSK1CMN2 Datasheet PDF - NXP Semiconductors

Part # SPC5746CSK1CMN2
Download  SPC5746CSK1CMN2 Click to download

File Size   995.22 Kbytes
Page   70 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Freescale Semiconductor

SPC5746CSK1CMN2 Datasheet (HTML) - NXP Semiconductors


SPC5746CSK1CMN2 Product details

Features
• 2 x 160 MHz Power Architecture® e200Z4 Dual issue, 32-bit CPU
– Single precision floating point operations
– 8 KB instruction cache and 4 KB data cache
– Variable length encoding (VLE) for significant code density improvements
• 1 x 80 MHz Power Architecture® e200Z2 Single issue, 32-bit CPU
– Using variable length encoding (VLE) for significant code size footprint reduction
• End to end ECC
– All bus masters, for example, cores generate single error correction, double error detection (SECDED) code for every bus transaction
– SECDED covers 64-bit data and 29-bit address
• Memory interfaces
– 6 MB on-chip flash supported with the flash controller
– 3 x flash page buffers (3 port flash controller)
– 768 KB on-chip SRAM across three RAM ports
• Clock interfaces
– 8-40 MHz external crystal (FXOSC)
– 16 MHz IRC (FIRC)
– 128 KHz IRC (SIRC)
– 32 KHz external crystal (SXOSC)
– Clock Monitor Unit (CMU)
– Frequency modulated phase-locked loop (FMPLL)
– Real Time Counter (RTC)
• System Memory Protection Unit (SMPU) with up to 32 region descriptors and 16-byte region granularity
• 16 Semaphores to manage access to shared resource
• Interrupt controller (INTC) capable of routing interrupts to any CPU
• Multiple crossbar switch architecture for concurrent access to peripherals, flash, and RAM from multiple bus masters
• 32-channels eDMA controller with multiple transfer request sources using DMAMUX
• Boot Assist Flash (BAF) supports internal flash programming via a serial link (LIN / SCI)
• Analog
– Two analog-to-digital converters (ADC), one 10-bit and one 12-bit
– Three analogue comparators
– Cross Trigger Unit to enable synchronization of ADC conversions with a timer event from the eMIOS or from the PIT
• Communication
– Four Deserial Peripheral Interface (DSPI)
– Six Serial Peripheral interface (SPI)
– 18 serial communication interface (LIN) modules
– Eight enhanced FlexCAN3 with FD support
– Four inter-IC communication interface (IIC)
– One USB OTG Controller (USB_0) and One USB SPH Controller (USB_1) with ULPI Interface.
– ENET complex (10/100 Ethernet) that supports Multi queue with AVB support, 1588, and MII/RMII
– 2 x ENET with L2 switch
– Secure Digital Hardware Controller (uSDHC)
– Dual-channel FlexRay Controller
• Audio
– 3 x Synchronous Audio Interface (SAI)
– Fractional clock dividers (FCD) operating in conjunction with the SAIs
• Configurable I/O domains supporting FLEXCAN, LINFlex, Ethernet, USB, MLB, uSDHC and general I/O
• Supports wake-up from low power modes via the WKPU controller
• On-chip voltage regulator (VREG)
• Debug functionality
– e200Z2 core:NDI per IEEE-ISTO 5001-2008 Class3+
– e200Z4 core(s): NDI per IEEE-ISTO 5001-2008 Class 3+
• Timer
– 16 Periodic Interrupt Timers (PITs)
– Three System Timer Module (STM)
– Four Software WatchDog Timers (SWT)
– 96 Configurable Enhanced Modular Input Output Subsystem (eMIOS) channels
• Device/board boundary Scan testing supported with per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1) and 1149.7 (cJTAG)
• Security
– Hardware Security Module (HSMv2)
– Password and Device Security (PASS and TDM) supporting advanced censorship and life-cycle management
– One Fault Collection and Control Unit (FCCU) to collect faults and issue interrupts
• Functional Safety
– ISO26262 ASIL compliance
• Multiple operating modes
– Includes enhanced low power operation




Similar Part No. - SPC5746CSK1CMN2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5746CSK1CMN2 NXP-SPC5746CSK1CMN2 Datasheet
936Kb / 68P
Freescale Semiconductor
Rev. 4, 3/2016
More results


Similar Description - SPC5746CSK1CMN2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
Freescale Semiconductor, Inc.
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
68HC908JB8FS MOTOROLA-68HC908JB8FS Datasheet
226Kb / 2P
Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
DSPB56374AFC FREESCALE-DSPB56374AFC Datasheet
1Mb / 64P
Freescale Semiconductor
MC68HC705C8ACFNE FREESCALE-MC68HC705C8ACFNE Datasheet
1Mb / 222P
Freescale Semiconductor, Inc.
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
Freescale Semiconductor, Inc.
MC68302CFC16C FREESCALE-MC68302CFC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC68040RC25A MOTOROLA-MC68040RC25A Datasheet
3Mb / 442P
Freescale Semiconductor, Inc.
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com