Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCF162834VR Datasheet (PDF) - Texas Instruments

SN74ALVCF162834VR Datasheet PDF - Texas Instruments
Part # SN74ALVCF162834VR
Download  SN74ALVCF162834VR Download
File Size   215.79 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS

SN74ALVCF162834VR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVCF162834VR Datasheet PDF - Texas Instruments

Part # SN74ALVCF162834VR
Download  SN74ALVCF162834VR Click to download

File Size   215.79 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS

SN74ALVCF162834VR Datasheet (HTML) - Texas Instruments


SN74ALVCF162834VR Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· Ideal for Use in PC133 Register DIMM
· Typical Output Skew . . . <250 ps
· VCC = 3.3 V ± 0.3 V . . . Normal Range
· VCC = 2.7 V to 3.6 V . . . Extended Range
· VCC = 2.5 V ± 0.2 V
· Rail-to-Rail Output Swing for Increased Noise
Margin
· Balanced Output Drivers . . . ±18 mA
· Low Switching Noise
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
This 18-bit universal bus driver is designed for
2.3-V to 3.6-V VCC operation.
Data flow from A to Y is controlled by the
output-enable (OE) input. The device operates in the
transparent mode when the latch-enable (LE) input is
low. When LE is high, the A data is latched if the
clock (CLK) input is held at a high or low logic level. If
LE is high, the A data is stored in the latch/flip-flop on
the low-to-high transition of CLK. When OE is high,
the outputs are in the high-impedance state.
The ALVCF162834 has series damping resistors in the device output structure that reduce switching noise in
128-MB and 256-MB SDRAM modules. Designed with a drive capability of ±18 mA, this device is a midway drive
between the ALVC162834 (±12 mA) and ALVC16834 (±24 mA).
The SN74ALVCF162834 is a faster version of the SN74ALVC162834. It is suitable for PC133 applications,
particularly for SDRAM modules clocked at 133 MHz.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.




Similar Part No. - SN74ALVCF162834VR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834DL TI1-SN74ALVCF162834DL Datasheet
478Kb / 14P
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834GR TI1-SN74ALVCF162834GR Datasheet
478Kb / 14P
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALVCF162834VR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162835 TI-SN74ALVCF162835 Datasheet
183Kb / 12P
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com