Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS194DR Datasheet (PDF) - Texas Instruments

SN74AS194DR Datasheet PDF - Texas Instruments
Part # SN74AS194DR
Download  SN74AS194DR Download
File Size   283.63 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS

SN74AS194DR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AS194DR Datasheet PDF - Texas Instruments

Part # SN74AS194DR
Download  SN74AS194DR Click to download

File Size   283.63 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS

SN74AS194DR Datasheet (HTML) - Texas Instruments


SN74AS194DR Product details

Parallel-to-Serial, Serial-to-Parallel
Conversions
Left or Right Shifts
Parallel Synchronous Loading
Direct Overriding Clear
Temporary Data-Latching Capability
Package Options Include Plastic
Small-Outline Packages (D), Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs

description
These 4-bit bidirectional universal shift registers
feature parallel outputs, right-shift and left-shift
serial (SR SER, SL SER) inputs, operatingmode-
control (S0, S1) inputs, and a direct
overriding clear (CLR) line. The registers have
four distinct modes of operation:
• Inhibit clock (temporary data latch/do nothing)
• Shift right (in the direction QA toward QD)
• Shift left (in the direction QD toward QA)
• Parallel (broadside) load
Parallel synchronous loading is accomplished by
applying the four bits of data and taking both S0
and S1 high. The data is loaded into the
associated flip-flops and appears at the outputs
after the positive transition of the clock (CLK)
input. During loading, serial data flow is inhibited.
Shift right is accomplished synchronously with the rising edge of the clock pulse when S0 is high and S1 is low.
Serial data for this mode is entered at the shift-right data input. When S0 is low and S1 is high, data shifts left
synchronously and new data is entered at the shift-left serial inputs. Clocking of the flip-flop is inhibited when
both mode-control inputs are low.
The SN54AS194 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74AS194 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74AS194DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS194DR TI1-SN74AS194DR Datasheet
537Kb / 17P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
More results


Similar Description - SN74AS194DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54194 NSC-DM54194 Datasheet
121Kb / 6P
4-Bit Bidirectional Universal Shift Registers
logo
Texas Instruments
SN54194 TI-SN54194 Datasheet
454Kb / 11P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS194A HITACHI-HD74LS194A Datasheet
97Kb / 7P
4-bit Bidirectional Universal Shift Registers
logo
National Semiconductor ...
MM74HC194 NSC-MM74HC194 Datasheet
135Kb / 6P
4-Bit Bidirectional Universal Shift Register
DM54S194 NSC-DM54S194 Datasheet
128Kb / 6P
4-Bit Bidirectional Universal Shift Registers
logo
Motorola, Inc
MC74F194 MOTOROLA-MC74F194 Datasheet
97Kb / 3P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194_04 Datasheet
66Kb / 6P
4-Bit Bidirectional Universal Shift Register
logo
Renesas Technology Corp
HD74LS194A RENESAS-HD74LS194A Datasheet
192Kb / 8P
4-bit Bidirectional Universal Shift Register
logo
Texas Instruments
SN54194 TI1-SN54194_15 Datasheet
462Kb / 14P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SN54AS194 TI1-SN54AS194_14 Datasheet
537Kb / 17P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com