Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC4060 Datasheet (PDF) - Texas Instruments

SN54HC4060 Datasheet PDF - Texas Instruments
Part # SN54HC4060
Download  SN54HC4060 Download
File Size   289.19 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS

SN54HC4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC4060 Datasheet PDF - Texas Instruments

Part # SN54HC4060
Download  SN54HC4060 Click to download

File Size   289.19 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS

SN54HC4060 Datasheet (HTML) - Texas Instruments


SN54HC4060 Product details

Qualified for Automotive Applications
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 14 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Allow Design of Either RC- or
Crystal-Oscillator Circuits

description/ordering information
The ’HC4060−Q1 devices consist of an oscillator section and 14 ripple-carry binary counter stages. The
oscillator configuration allows design of either RC- or crystal-oscillator circuits. A high-to-low transition on the
clock (CLKI) input increments the counter. A high level at the clear (CLR) input disables the oscillator (CLKO
goes high and CLKO goes low) and resets the counter to zero (all Q outputs low).




Similar Part No. - SN54HC4060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC4060 TI-SN54HC4060 Datasheet
111Kb / 7P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI1-SN54HC4060 Datasheet
1Mb / 20P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060FK TI-SN54HC4060FK Datasheet
111Kb / 7P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060FK TI-SN54HC4060FK Datasheet
705Kb / 23P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060FK TI1-SN54HC4060FK Datasheet
1Mb / 20P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
More results


Similar Description - SN54HC4060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4060 TI-SN54HC4060 Datasheet
111Kb / 7P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN74HC4060 TI-SN74HC4060 Datasheet
406Kb / 13P
12-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060_06 Datasheet
705Kb / 23P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4061 TI-SN54HC4061 Datasheet
113Kb / 5P
ASYNCHRONOUS 14-STAGE BINARY COUNTERS AND OSCILLATORS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN74HC4060-Q1 TI1-SN74HC4060-Q1 Datasheet
549Kb / 13P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060 Datasheet
176Kb / 6P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Texas Instruments
SN54HC4060 TI1-SN54HC4060_15 Datasheet
1Mb / 20P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com