Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS75J.A Datasheet (PDF) - Texas Instruments

SN54LS75J.A Datasheet PDF - Texas Instruments
Part # SN54LS75J.A
Download  SN54LS75J.A Download
File Size   345.05 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT BISTABLE LATCHES

SN54LS75J.A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LS75J.A Datasheet PDF - Texas Instruments

Part # SN54LS75J.A
Download  SN54LS75J.A Click to download

File Size   345.05 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT BISTABLE LATCHES

SN54LS75J.A Datasheet (HTML) - Texas Instruments


SN54LS75J.A Product details

description
These latches are ideally suited for use as temporary
storage for binary information between processing units
and input/output or indicator units. Information present
ata date (D) input is transferred to the Q output when
the enable (C) is high and the Q output will follow the
data input as long as the enable remains high. Whon the
enable goes low, the information (that was present at
the data input at the time the wransition occurred) is
retained at the Q output unti the enable is permitted to
go high
The 75 and "S75 feature complementary Q and T
outputs from a 4-bit latch, and are available in various
16-pin_ packages. For higher component density
applications, the "77 and 1577 4-bit latches are available
in 14.pin fat packages.
These circuits are completely compatible with al popular
TTL families. All inputs are diods-clamped to minimize
transmission line effects and simply system design.
Series 54 and 54LS devices are characterized for
operation over the full military temperature range of
55°C to 125°C; Series 74, and 74LS devices are
characterized for operation from 0°C to 70°C.




Similar Part No. - SN54LS75J.A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS75J MOTOROLA-SN54LS75J Datasheet
98Kb / 4P
4-BIT D LATCH
logo
Texas Instruments
SN54LS75J TI-SN54LS75J Datasheet
229Kb / 6P
4-BIT BISTABLE LATCHES
SN54LS75J TI1-SN54LS75J Datasheet
565Kb / 8P
4-BIT BISTABLE LATCHES
More results


Similar Description - SN54LS75J.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5475 TI-SN5475 Datasheet
229Kb / 6P
4-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
Quad. Bistable Latches
HD74LS77 HITACHI-HD74LS77 Datasheet
59Kb / 6P
4-bit Bistable Latches
logo
Texas Instruments
SN74100 TI-SN74100 Datasheet
127Kb / 3P
8-BIT BISTABLE LATCHES
SN54100 TI-SN54100 Datasheet
84Kb / 2P
8-BIT BISTABLE LATCHES
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
Quadruple Bistable Latches
HD74LS77 RENESAS-HD74LS77 Datasheet
70Kb / 5P
4-bit Bistable Latches
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
Quad. Bistable Latches
logo
Texas Instruments
SN54LS375 TI-SN54LS375 Datasheet
962Kb / 20P
4-BIT BISTABLE LATCHES
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
4-BIT BISTABLE LATCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com