Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFG31102 Datasheet (PDF) - TEKTRONIX, INC.

AFG31102 Datasheet PDF - TEKTRONIX, INC.
Part # AFG31102
Download  AFG31102 Download
File Size   1131.75 Kbytes
Page   20 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description AFG31000 Series Datasheet

AFG31102 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFG31102 Datasheet PDF - TEKTRONIX, INC.

Part # AFG31102
Download  AFG31102 Click to download

File Size   1131.75 Kbytes
Page   20 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description AFG31000 Series Datasheet

AFG31102 Datasheet (HTML) - TEKTRONIX, INC.


AFG31102 Product details

Key performance specifications
● 1 or 2 channel models
● Output amplitude range 1 mVP-P to 10 VP-P into 50 Ω loads
● Basic (AFG) mode:
-25 MHz, 50 MHz, 100 MHz, 150 MHz, or 250 MHz sine waveforms
-250 MSa/s, 1 GSa/s or 2 GSa/s sample rates
-14-bit vertical resolution
-Built-in waveforms include sine, square, ramp, pulse, noise, and
other frequently used waveforms
-Sweep, Burst, and Modulation modes (AM, FM, PM, FSK, and
PWM)
● Advanced (Sequence) mode:
-Continuous mode (optional Sequence, Triggered and Gated
modes)
-16 Mpts arbitrary waveform memory on each channel (128 Mpts
optional)
-Up to 256 steps in sequence mode with loop, jump and wait events
-Variable sampling clock 1 µSa/s to 2 GSa/s

Key features
● Patented InstaView™ technology enables engineers to see the actual
waveform at the Device Under Test (DUT) in real time, without the
need of an oscilloscope and probe, eliminating the uncertainty caused
by mismatched impedance
● Sequencing option adds the ability to program long, complex
waveforms with up to 256 steps
● The 9-inch capacitive touch screen works like a smart phone and has
short-cuts to frequently used settings
● Built-in ArbBuilder lets you create and edit arbitrary waveforms on the
instrument, eliminating the need to connect to a PC
● Outputs are protected from over voltage and current to minimize
potential instrument damage
● Compatible with TekBench™ software to help students set up, control,
and analyze test results in the lab

Applications
● Advanced research
● Clock and system synchronization
● Replication of real world signals
● Component and circuit characterization and validation
● Embedded circuit design and test
● General purpose signal generation




Similar Part No. - AFG31102

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG31102 TEKTRONIX-AFG31102 Datasheet
1Mb / 22P
Arbitrary Function Generators
logo
TEKTRONIX, INC
AFG31102 KEITHLEY-AFG31102 Datasheet
2Mb / 22P
Arbitrary Function Generators
10 Feb 2023
More results


Similar Description - AFG31102

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
DATASHEET
logo
Ledil, Inc.
C11347-REGINA LEDIL-C11347-REGINA Datasheet
386Kb / 7P
PRODUCT DATASHEET Regina series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com