Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142502 Datasheet (PDF) - raaco Great Britain Ltd

142502 Datasheet PDF - raaco Great Britain Ltd
Part # 142502
Download  142502 Download
File Size   8725.87 Kbytes
Page   148 Pages
Manufacturer  RAACO [raaco Great Britain Ltd]
Direct Link  https://www.raaco.com/
Logo RAACO - raaco Great Britain Ltd
Description raaco Assortment Boxes

142502 Datasheet (PDF)

Go To PDF Page Download Datasheet
142502 Datasheet PDF - raaco Great Britain Ltd

Part # 142502
Download  142502 Click to download

File Size   8725.87 Kbytes
Page   148 Pages
Manufacturer  RAACO [raaco Great Britain Ltd]
Direct Link  https://www.raaco.com/
Logo RAACO - raaco Great Britain Ltd
Description raaco Assortment Boxes

142502 Datasheet (HTML) - raaco Great Britain Ltd


142502 Product details

Assorter
Environmentally-friendly,
made from recyclable
materials
Assorter is the only one of our 3 assortment
boxes, which is available with fixed compartments. Assorter is a system designed and
created specifically for practical sorting.
Assorter was developed according to DFD
guidelines (Design for Disassembly), which
ensures that the box can be disassembled and
the parts replaced/reused.
The range is available in many different sizes.
Some of the boxes are equipped with U-profiles
on the inside of the lid that keep the contents in
place during transportation




Similar Part No. - 142502

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425020 PHOENIX-1425020 Datasheet
590Kb / 16P
SAC-5P-M12MSL/3,0-290/FSL FE - Power cable
1425021 PHOENIX-1425021 Datasheet
116Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425022 PHOENIX-1425022 Datasheet
116Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425023 PHOENIX-1425023 Datasheet
116Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425024 PHOENIX-1425024 Datasheet
115Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
More results


Similar Description - 142502

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
Littelfuse
00940037Z LITTELFUSE-00940037Z Datasheet
304Kb / 1P
SERVICEMANS FAVORITE ASSORTMENT
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
GPL1 ETC2-GPL1 Datasheet
113Kb / 1P
Potting Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
ABS Boxes
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-V112 PF-V1-8A-E2-V112 Datasheet
885Kb / 2P
Splitter boxes
2022-06-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com