Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

354076702 Datasheet (PDF) - Molex Electronics Ltd.

354076702 Datasheet PDF - Molex Electronics Ltd.
Part # 354076702
Download  354076702 Download
File Size   70.35 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.28mm (.090") Sealed Receptacle Terminals

354076702 Datasheet (PDF)

Go To PDF Page Download Datasheet
354076702 Datasheet PDF - Molex Electronics Ltd.

Part # 354076702
Download  354076702 Click to download

File Size   70.35 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.28mm (.090") Sealed Receptacle Terminals

354076702 Datasheet (HTML) - Molex Electronics Ltd.


354076702 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for 2.28mm
(.090") Sealed Receptacle Terminals
Comments Die sets are not sold separately; the
complete hand tool needs to be
ordered to obtain the die set; Type:
4D
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 887191248974
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 354076702

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
354076102 MOLEX4-354076102 Datasheet
101Kb / 2P
2.28mm (.090") Terminal, Female, 0.3-0.5 AVSS, 0.25mm (.010") Thickness, Pre-Tin
logo
Festo Corporation.
3540768 FESTO-3540768 Datasheet
90Kb / 2P
Angle seat valve
7/4/22
logo
Molex Electronics Ltd.
354076802 MOLEX-354076802 Datasheet
63Kb / 3P
Hand Crimp Tool for 2.28mm (.090”) Sealed Receptacle Terminal
Jun 10, 2025
More results


Similar Description - 354076702

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-5200 MOLEX11-63819-5200 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.28mm Slip-On Receptacle
0638257600 MOLEX11-0638257600 Datasheet
32Kb / 1P
Hand Crimp Tool for 2.28mm (.090) Sealed Receptacle Terminals
0638257700 MOLEX11-0638257700 Datasheet
31Kb / 1P
Hand Crimp Tool for 2.28mm (.090) Sealed Receptacle Terminal
63825-7600 MOLEX-63825-7600 Datasheet
552Kb / 7P
Hand Crimp Tool for 2.28mm (.090?? Sealed Receptacle Terminalss
08-12-13
0638195200 MOLEX-0638195200 Datasheet
37Kb / 1P
Hand Crimp Tool for 2.28mm Slip-On Receptacle
11/02/2021
ATS-6382787HM MOLEX-ATS-6382787HM Datasheet
955Kb / 9P
Hand Crimp Tool for Sealed Single Contact Terminals
06-05-15
200218-4300 MOLEX-200218-4300 Datasheet
978Kb / 7P
Hand Crimp Tool for CTX50 Small Grip Sealed Receptacle Crimp Terminals
02-14-20
ATS-6382577HM MOLEX-ATS-6382577HM Datasheet
309Kb / 6P
Hand Crimp Tool for 2.28mm (.090?? Sealed Receptacle Terminals
03-27-13
2133093000 MOLEX-2133093000 Datasheet
823Kb / 7P
Hand Crimp Tool for MXCD64 Sealed Receptacle Medium Grip Crimp Terminals
2133093000
ATS-638257600 MOLEX-ATS-638257600 Datasheet
552Kb / 7P
Hand Crimp Tool for 2.28mm (.090) Sealed Receptacle Terminals
12-13
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com