Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHK5 Datasheet (PDF) - Sensata Technologies, Inc.

DHK5 Datasheet PDF - Sensata Technologies, Inc.
Part # DHK5
Download  DHK5 Download
File Size   1005.33 Kbytes
Page   10 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 58MM SOLID - BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS

DHK5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DHK5 Datasheet PDF - Sensata Technologies, Inc.

Part # DHK5
Download  DHK5 Click to download

File Size   1005.33 Kbytes
Page   10 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 58MM SOLID - BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS

DHK5 Datasheet (HTML) - Sensata Technologies, Inc.


DHK5 Product details

Features
Applications
DH_5 Rotary Incremental Encoder :
• Robustness and excellent resistance to shocks / vibrations
• High Protection Level IP65, IP67 Option with a Sealing Flange
• High Resolutions Available: Up to 500 000 ppr
• Universal Electronic Circuits from 4.75 to 30 Vdc
• High Performance in Temperatures –40°C to 100°C
• High bandwidth: Up to 1MHz
• Factory automation
• Motor feedback
• Conveyors
• Automated warehousing
• General industrial system monitoring and feedback




Similar Part No. - DHK5

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DHK5 SENSATA-DHK5 Datasheet
872Kb / 9P
INCREMENTAL IO-LINK ENCODERS
Rev. 01/11/23
DHK5-06RGYXEPROGBFA SENSATA-DHK5-06RGYXEPROGBFA Datasheet
872Kb / 9P
INCREMENTAL IO-LINK ENCODERS
Rev. 01/11/23
DHK5-06RGYXEPROGBFR SENSATA-DHK5-06RGYXEPROGBFR Datasheet
872Kb / 9P
INCREMENTAL IO-LINK ENCODERS
Rev. 01/11/23
DHK5-06RGYXEPROGGMA SENSATA-DHK5-06RGYXEPROGGMA Datasheet
872Kb / 9P
INCREMENTAL IO-LINK ENCODERS
Rev. 01/11/23
DHK5-06RGYXEPROGGMR SENSATA-DHK5-06RGYXEPROGGMR Datasheet
872Kb / 9P
INCREMENTAL IO-LINK ENCODERS
Rev. 01/11/23
More results


Similar Description - DHK5

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z119024 IVO-Z119024 Datasheet
210Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119040 IVO-Z119040 Datasheet
213Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119041 IVO-Z119041 Datasheet
233Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119043 IVO-Z119043 Datasheet
231Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119050 IVO-Z119050 Datasheet
211Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119068 IVO-Z119068 Datasheet
229Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119070 IVO-Z119070 Datasheet
239Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119072 IVO-Z119072 Datasheet
226Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119076 IVO-Z119076 Datasheet
213Kb / 1P
Accessories Torque supports for hollow shaft encoders
logo
TT Electronics.
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
Incremental Hollow Shaft Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com