Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DV200 Datasheet (PDF) - Texas Instruments

ADC10DV200 Datasheet PDF - Texas Instruments
Part # ADC10DV200
Download  ADC10DV200 Download
File Size   501.46 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10DV200 Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs

ADC10DV200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10DV200 Datasheet PDF - Texas Instruments

Part # ADC10DV200
Download  ADC10DV200 Click to download

File Size   501.46 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10DV200 Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs

ADC10DV200 Datasheet (HTML) - Texas Instruments


ADC10DV200 Product details

1FEATURES
2• Single 1.8V Power Supply Operation.
• Power Scaling with Clock Frequency.
• Internal Sample-and-Hold.
• Internal or External Reference.
• Power Down Mode.
• Offset Binary or 2's Complement Output Data
Format.
• LVDS or CMOS Output Signals.
• 60-pin WQFN Package, (9x9x0.8mm, 0.5mm
Pin-Pitch)
• Clock Duty Cycle Stabilizer.
• IF Sampling Bandwidth > 900MHz.

KEY SPECIFICATIONS
• Resolution 10 Bits
• Conversion Rate 200 MSPS
• ENOB 9.6 bits (typ) @Fin=70 MHz
• SNR 59.9 dBFS (typ) @Fin=70 MHz
• SINAD 59.9 dBFS (typ) @Fin=70 MHz
• SFDR 82 dBFS (typ) @Fin=70 MHz
• LVDS Power 450mW (typ) @Fs=200 MSPS
• CMOS Power 280mW (typ) @Fs=170 MSPS
• Operating Temp. Range −40°C to +85°C.

APPLICATIONS
• Communications
• Medical Imaging
• Portable Instrumentation
• Digital Video

DESCRIPTION
The ADC10DV200 is a monolithic analog-to-digital
converter capable of converting two analog input
signals into 10-bit digital words at rates up to 200
Mega Samples Per Second (MSPS). The digital
output mode is selectable and can be either
differential LVDS or CMOS signals. This converter uses a differential, pipelined architecture with digital
error correction and an on-chip sample-and-hold
circuit to minimize die size and power consumption
while providing excellent dynamic performance. A
unique sample-and-hold stage yields a full-power bandwidth of 900MHz. Fabricated in core CMOS
process, the ADC10DV200 may be operated from a
single 1.8V power supply. The ADC10DV200
achieves approximately 9.6 effective bits at Nyquist
and consumes just 280mW at 170MSPS in CMOS
mode and 450mW at 200MSPS in LVDS mode. The
power consumption can be scaled down further by
reducing sampling rates.




Similar Part No. - ADC10DV200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10DV200 NSC-ADC10DV200 Datasheet
542Kb / 24P
Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
Texas Instruments
ADC10DV200 TI1-ADC10DV200 Datasheet
502Kb / 26P
Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
National Semiconductor ...
ADC10DV200CISQ NSC-ADC10DV200CISQ Datasheet
542Kb / 24P
Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
Texas Instruments
ADC10DV200CISQ TI1-ADC10DV200CISQ Datasheet
502Kb / 26P
Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC10DV200CISQ/NOPB TI1-ADC10DV200CISQ/NOPB Datasheet
502Kb / 26P
Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
More results


Similar Description - ADC10DV200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC10DV200 NSC-ADC10DV200 Datasheet
542Kb / 24P
Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DV200 NSC-ADC11DV200 Datasheet
521Kb / 24P
Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DV200 TI1-ADC11DV200_14 Datasheet
1Mb / 29P
Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
16-Bit, 130 MSPS A/D Converter With LVDS Outputs
ADC10DV200 TI1-ADC10DV200 Datasheet
502Kb / 26P
Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DV200 TI1-ADC11DV200_15 Datasheet
1Mb / 30P
Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com