Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS52J91 Datasheet (PDF) - Texas Instruments

ADS52J91 Datasheet PDF - Texas Instruments
Part # ADS52J91
Download  ADS52J91 Download
File Size   453.19 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs

ADS52J91 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS52J91 Datasheet PDF - Texas Instruments

Part # ADS52J91
Download  ADS52J91 Click to download

File Size   453.19 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs

ADS52J91 Datasheet (HTML) - Texas Instruments


ADS52J91 Product details

1 Features
• 16-Channel ADC configurable to convert
8, 16, or 32 inputs
• Maximum ADC Conversion Rate:
– 125 MSPS in 10-bit mode
– 100 MSPS in 12-bit mode
– 65 MSPS in 14-bit mode
• Supplies: 1.2 V, 1.8 V
• Differential or single-ended input Clock
• Signal-to-noise ratio (SNR):
– 61 dBFS in 10-bit mode
– 69 dBFS in 12-bit mode
– 73.5 dBFS in 14-Bit Mode
• Power at 125 MSPS: 48.6 mW/channel
• 16 ADCs configurable to convert:
– 8 Inputs with a sampling rate of a 2X ADC
conversion rate
– 16 Inputs with a sampling rate of a 1X ADC
conversion rate
– 32 Inputs with a sampling rate of a 0.5X ADC
conversion rate
• 1 Gbps LVDS interface with 16X, 14X, 12X, and
10X serialization
• 5 Gbps JESD interface:
– JESD204B Subclass 0, 1, and 2
– 2, 4, or 8 Channels per JESD lane
• Package: NFBGA-198 (9 mm × 15 mm)

2 Applications
• Ultrasound imaging
• Portable instrumentation
• Sonar and Radar
• High-speed multichannel data acquisition

3 Description
The ADS52J91 is a low-power, high-performance,
16-channel, analog-to-digital converter (ADC). The
conversion rate of each ADC goes up to a maximum
of 125 MSPS in 10-bit mode. The maximum
conversion rate reduces when the ADC resolution is
set to a higher value.
The device can be configured to accept 8, 16, or
32 inputs. In 32-input mode, each ADC alternately
samples and converts two different inputs each at
an effective sampling rate that is half of the ADC
conversion rate. In 8-bit input mode, two ADCs
convert the same input in an interleaved manner,
resulting in an effective sampling rate that is twice the
ADC conversion rate. The ADC is designed to scale
its power with the conversion rate.




Similar Part No. - ADS52J91

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS52J91 TI-ADS52J91 Datasheet
448Kb / 5P
ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
ADS52J91ZZE TI-ADS52J91ZZE Datasheet
448Kb / 5P
ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
More results


Similar Description - ADS52J91

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8763A PHILIPS-TDA8763A Datasheet
172Kb / 24P
10-bit high-speed low-power ADC
1999 Jan 06
TDA8764A PHILIPS-TDA8764A Datasheet
123Kb / 24P
10-bit high-speed low-power ADC
2000 Jul 03
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Maxim Integrated Produc...
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS52J91 TI-ADS52J91 Datasheet
448Kb / 5P
ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com